PART |
Description |
Maker |
R573002345 R573002340 R573502410 R574183980 R57308 |
RF COAXIAL RELAY, SP3T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP9T, LATCHED, 0.5A (COIL), 28VDC (COIL), 14000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.28A (COIL), 12VDC (COIL), 15360mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.375A (COIL), 28VDC (COIL), 10500mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP11T, LATCHED, 1.375A (COIL), 28VDC (COIL), 38500mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP10T, LATCHED, 3.2A (COIL), 12VDC (COIL), 38400mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.5A (COIL), 28VDC (COIL), 42000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.102A (COIL), 28VDC (COIL), 2856mW (COIL), 3000MHz, PANEL MOUNT
|
Radiall S.A. RADIALL S A
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
R585332000 R585423440 R585423410 R585322530 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.42A (COIL), 12VDC (COIL), 5040mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.205A (COIL), 28VDC (COIL), 5740mW (COIL), 18000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.5A (COIL), 12VDC (COIL), 6000mW (COIL), 3000MHz, 120W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
PE71S6089 |
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 60 Watts, 28V Control with Latching
|
Pasternack Enterprises,...
|
STR10-A-LTL STR10-A-I-L-TL |
RF COAXIAL RELAY, SP10T, LATCHED, 25875mW (COIL), 18000MHz, 2W (RF INPUT), PANEL MOUNT
|
RLC ELECTRONICS INC
|
HF439_S115D HF2428_N003A HF2428_N003B HF2428_N003C |
ER 4C 2#16 2#8 SKT PLUG RTANG 微型中间功率继电 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Capacitance:16.9pF/ft; Conductor Material:Copper; Jacket Color:Light Blue RoHS Compliant: Yes 微型中间功率继电 ER 3C 3#8 SKT PLUG 微型中间功率继电 MINIATURE INTERMEDIATE POWER RELAY 微型中间功率继电
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
OL5492N-3 OL592N_3_597N_3 OL597N-3 OL5497N-3 OL592 |
1.55 レm 3 mW Coaxial Module 1.55レ米3兆瓦同轴单元 1.55 m 3 mW Coaxial Module 1.55 um 3 mW Coaxial Module From old datasheet system 1.55 μm 3 mW Coaxial Module
|
OKI electronic components OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets]
|
R574.F92.400 |
RF COAXIAL RELAY, SP4T, LATCHED, 0.64A (COIL), 12VDC (COIL), 7680mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
R573.302.280 |
RF COAXIAL RELAY, SP12T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
PE4263 4263-10 4263-92 4263-98 |
SP6T UltraCMOS?/a> 2.6 V Switch 100 - 3000 MHz SP6T UltraCMOS 2.6 V Switch 100 - 3000 MHz SP6T UltraCMOS⑩ 2.6 V Switch 100 - 3000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
RIF-1-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
|
PHOENIX CONTACT
|
PE42562A-X |
SP6T RF Switch, 9 kHz? GHz
|
Peregrine Semiconductor
|
|