PART |
Description |
Maker |
SPC-48-LR-39CNA SPC-48-LR-61CDA SPC-48-LR-43CNA SP |
FIBER OPTIC TRANSCEIVER, 1200-1625nm, 2488Mbps(Tx), 2488Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1404-1417nm, 2488Mbps(Tx), 2488Mbps(Rx) OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
|
Source Photonics, Inc.
|
B-13-622-TDPM3-SSC4-60 B-15-622-TDPM3-SSC4-60 B-13 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
HFBR-53D5EM HFCT-53D5EM HFCT-53D5FM HFBR-53D5FM HF |
HFCT-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFCT-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFBR-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing HFBR-53D5 · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, No Shield, Plastic Housing HFBR-0535 · Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd 1 x 9 Fiber Optic Transceiver for Gigabit Ethernet
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
B-13-15-1250-T-SSC2A B-13-15-1250-T3-SSC2A B-13-15 |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-13-1250-TPM3-SSC-60 B-15-1250-TPM3-SSC-60 B-13-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-15-155-TPM3-S B-13-155-TPM3-S B-13-155-TPM3-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR
|
Source Photonics, Inc. HIROSE ELECTRIC Co., Ltd.
|
C-15-155-TDFB-SSC12D C-15-155-TDFB3-SSC12D C-15-15 |
155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR) FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
Source Photonics, Inc. http://
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
V23809-E1-E16 V23809-E1-E17 |
FIBER OPTIC TRANSCEIVER 光纤收发 MM 1300 nm ESCON Serial Transceiver
|
Infineon
|
PH1-7LPFA4362 PH1-7LPFC4362 PH1-FLPFC4362 PH1-MLPF |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, LC/SPC CONNECTOR
|
JDS Uniphase, Corp. JDS UNIPHASE CORP
|
SCP69N4-GL-YN-41 SCP6EN4-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC
|
HFBR-5912E HFBR5912E |
FIBER OPTIC TRANSCEIVER
|
Agilent Technologies
|
|