PART |
Description |
Maker |
ST72T71N5B1 ST72T71J1B1 |
Leaded Cartridge Fuse; Current Rating:50mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Leaded Cartridge Fuse; Current Rating:312.5mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Length:8.89mm; Series:273 RoHS Compliant: NA 8位微控制
|
Intersil, Corp.
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
NON-150 NON-8 |
ELECTRIC FUSE, 150A, 250VAC, 125VDC, 10000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:8A; Voltage Rating:250VAC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:NON RoHS Compliant: No ELECTRIC FUSE, 8A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
RSO-0505D_H3 RSO-0512_H3 RSO-483.3D_H3 RSO-0505_H2 |
CONN, HEADER, 4PIN, SGL ROW, 0.138"LS, RTANGL, PCB MNT 1瓦特SIP8隔离 1 Watt SIP8 Isolated Single & Dual Output 1瓦特SIP8隔离 M26500 CON SKT 16 GOLD PLATED 1瓦特SIP8隔离 Cartridge Fuse; Current Rating:800A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Terminals:Blade; Interrupting Current Max:300000Arms; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:600V RoHS Compliant: Yes PT 2C 2#16 PIN PLUG 1 Watt SIP8 Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
Z86C32-12VEC |
Fuse Holder; Fuse Size/Group:1/4 "; Mounting Type:PC Board; Body Material:Spring Brass; Contact Plating:Tin; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating, AC:250V
|
保险丝支架,夹子&硬件
|
F0402G0R15FNTR F0402G0R10FNTR F0402G0R20FNTR F0402 |
ELECTRIC FUSE, 0.15A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.1A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.2A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.075A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.125A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.062A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.05A, 32VAC, 32VDC, SURFACE MOUNT PC Board Fuse; Current Rating:0.25A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No PC Board Fuse; Current Rating:2A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No
|
AVX, Corp. AVX CORP
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
PIC18LC442-E/JW PIC18C442-E/JW PIC18C452-E/L PIC18 |
Fuse, Current Rating Of Fuse 3Ampere, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 500mA, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 5 Ampere, RMS Voltage Rating AC 250 Volt Hex Buffer with Enable; Package: SOEIAJ-16; No of Pins: 16; Qty per Container: 50 BBG ECL BUFR W ENABLE HEX; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 366 HEAD & 300 VISE WIRE MANAGER FOR 366 OR 376 JAWS Hex Buffer with Enable; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 BBG ECL BUFR W ENABLE HEX; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Hex Inverter with Enable; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Dual 4-5-Input OR/NOR; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0A / D High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0位A / D Busss Heat Limiter Class T 高性能微控制器0A / D
|
Microchip Technology Inc. Microchip Technology, Inc.
|
2040.0613 2040.0614 |
Subminiature PCB Fuse; Long or short terminals; available Taped and reeled; Telecommunications use; Voltage Rating: 250V; Current Rating: 0.63A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 35A (IR), THROUGH HOLE Subminiature PCB Fuse; Long or short terminals; available Taped and reeled; Telecommunications use; Voltage Rating: 250V; Current Rating: 0.8A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), THROUGH HOLE
|
SCHURTER AG
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
|