PART |
Description |
Maker |
39-30-1039 39301039 39-30-5038 39-30-5037 39-30-60 |
MINI-FIT JR. VERT. HDR. ASSY. W/PEGS, WITH & W/O DRAIN HOLES (SINGLE ROW) Header; No. of Contacts:3; Pitch Spacing:0.165"; No. of Rows:1; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex Electronics Ltd. Molex, Inc.
|
2-104426-7 |
HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW,100 CL VERT, .025 SQ POSTS, WTH RETENTION FEATURE
|
Tyco Electronics
|
171825-6 |
Crimp Termination ( EI Series Connectors ); POST HDR ASSY VERT AMP EI CONN ( AMP )
|
Tyco Electronics
|
1-1827876-0 2-1827876-4 1-1827876-2 2-1827876-6 2- |
THIS DRAWING IS A CONTROLLED DOCUMENT. DYNAMIC D1200D 2.5mm PITCH HDR ASSY DYNAMIC DI200D 2.5mmPITCH HDR ASSY (H-TYPE)
|
TE Connectivity Ltd Tyco Electronics
|
6-102617-1 6-102617-3 6-102617-0 6-102617-4 6-1026 |
HDR ASSY, MOD II, SHRUDED, 4 SIDES, DBL ROW, .100X.100 C/L, RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 C/L, RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 C/L, RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
2-103167-7 2-103167-2 1-103167-0 |
HDR ASSY, MOD II, SHROUDED, 4SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
2-103166-8 2-103166-3 1-103166-8 1-103166-0 1-1031 |
HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .25 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
71231-0021 71231-0113 71231-0013 71231-0107 71231- |
MINI FIT 12 CKT HEADER 712310021 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR W/Peg 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 8CKT HDER 712310013 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 5CKT 30G MINIFIT HDR VT 712310107 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 4CKT HDER 712310105 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 7CKT TIN MINIFIT HDR VT 712310011 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Tin 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 3POS .165 VERT TIN 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr Tin 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
6-103675-4 6-103675-6 6-103675-0 6-103675-1 6-1036 |
HDR ASSY, MOD II, BREAKAWAY, DBL ROW .100 X .100 C/L VERTICAL, .025 SQ. POST, WITH SELECTIVE LOADING
|
Tyco Electronics
|
09-50-6255 09-50-5285 09-50-6085 09-50-6185 09-50- |
Multipole Connector; No. of Contacts:50; Series:KK; Body Material:Polyester 50 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 28Ckt 56 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 8Ckt 16 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 18Ckt 36 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 24Ckt 48 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
|