Part Number Hot Search : 
S1R72U16 104MHZ BPJAALD 1818M GBL02 NNCD68RG MP3422GG AX431CN
Product Description
Full Text Search
  latching Datasheet PDF File

For latching Found Datasheets File :: 7933    Search Time::1.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GALW9V647 GALW9V647E

Bel Fuse Inc.
Part No. GALW9V647 GALW9V647E
OCR Text ... Power Over Voltage Protection, latching Operating Output Current Range Output Current Limit Efficiency, Full Load1 1. For temperature rise design calculation. 11.04 0 50 93 11.52 Min 9.2 Typical 9.6 Max 10 450 12.48 47 65 Units V W V A A %...
Description SIRIUS DC/DC CONVERTER

File Size 639.95K  /  8 Page

View it Online

Download Datasheet





    Panasonic
Part No. TXS2SX-LT-3V TXS2SX-L-3V-Z
OCR Text ... lt: single side stable 1 coil latching 2 coil latching 2 coil latching surface-mount availability nil: sa: ss: standard pc board terminal type sa type ss type packing style nil: x: z: tube packing tape and reel (picked from 1/3/4/5-pin...
Description TX-S RELAYS

File Size 3,726.79K  /  7 Page

View it Online

Download Datasheet

    LITE-ON SEMICONDUCTOR CORP
Part No. T1M5F600A
OCR Text ...0.84 0.88 2.0 2.0 2.0 2.5 volts latching current (v d =12v,i g = 10 ma) i l1 i l2 i l3 i l4 ---- ---- ---- ---- 1.6 10.5 1.5 2.5 15 20 15 15 ma gate non-trigger voltage (v d = 12v, r l = 100 ohms , t j =110 ) v gd 0.1 ---- ---- volts crit...
Description 600 V, 1 A, TRIAC, TO-226AA

File Size 147.72K  /  5 Page

View it Online

Download Datasheet

   
Part No. SS111A
OCR Text ... magnetics 1 bipolar, unipolar, latching magnetics 1 super high sensitivity available 1 symmetry of operate/release points about zero gauss (bipolar/latching) 1 operating temperature range of 40 to f 125 c 1 low current consumption (7 ma ...
Description MAGNETIC FIELD SENSOR-HALL EFFECT, -6-6mT, 0.40V, RECTANGULAR, SURFACE MOUNT

File Size 263.73K  /  3 Page

View it Online

Download Datasheet

    POWER-ONE INC
Part No. Q48T15050-NBC0 Q48T15050-NCB0 Q48T15050-NCB0G Q48T15050-NCC0 Q48T15050-NAB0G
OCR Text ...put under voltage lockout non-latching turn-on threshold 33 34 35 vdc turn-off threshold 31 32 33 vdc input transient withstand (susceptibility) 100 ms 100 vdc output characteristics e...
Description 1-OUTPUT DC-DC REG PWR SUPPLY MODULE

File Size 325.36K  /  14 Page

View it Online

Download Datasheet

    HONEYWELL SENSING AND CONTROL
Part No. SS561AT
OCR Text ...sity. ? bipolar, unipolar and latching magnetics. ? low gauss versions available for high accuracy or wide gap applications. ? ss5 package allows 4-pin package designs typical applications ? brushless dc motors ? digital current s...
Description MAGNETIC FIELD SENSOR-HALL EFFECT, -8.5-8.5mT, RECTANGULAR, SURFACE MOUNT

File Size 204.64K  /  5 Page

View it Online

Download Datasheet

   
Part No. ARS3509 ARS14A09
OCR Text ...pe (impedance: 75 ? ) 1: 1 coil latching type (impedance: 75 ? ) 2: 2 coil latching type (impedance: 75 ? ) 3: single side stable silent type (impedance: 75 ? ) 4: single side stable type (impedance: 50 ? ) 5: 1 coil latching type (impedanc...
Description RF RELAY, SPDT, LATCHED, 0.022A (COIL), 9VDC (COIL), 200mW (COIL), 0.5A (CONTACT), 30VDC (CONTACT), 3000MHz, 1W (RF INPUT), THROUGH HOLE-STRAIGHT MOUNT
RF RELAY, SPDT, MOMENTARY, 0.022A (COIL), 9VDC (COIL), 200mW (COIL), 0.5A (CONTACT), 30VDC (CONTACT), 3000MHz, 1W (RF INPUT), SURFACE MOUNT-STRAIGHT

File Size 454.56K  /  11 Page

View it Online

Download Datasheet

For latching Found Datasheets File :: 7933    Search Time::1.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of latching

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62597799301147