PART |
Description |
Maker |
SMNZ |
Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
|
Vishay Siliconix
|
VHP203TP120K50AB VHP203JTP120K50AB VHP203TP120K50B |
Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
|
Vishay Siliconix
|
VAR VAR10 |
Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and Distortion in the Signal Path
|
Vishay Siliconix
|
VFB1012D |
Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking, Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/∑C TCR Tracking,
|
Vishay Siliconix
|
VCS232Z |
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 0.05 ppm/∑C and Load Life Stability to 0.005%
|
Vishay Intertechnology,Inc.
|
Y16363K00000T9W |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
|
Vishay Siliconix
|
Y1636397R000T0W Y1636392R000T0R Y1636397R000T0R Y1 |
RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 392 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 397 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
RCKHR02A-0810KB RCKHR02-0310KB RCKHR02-0310KC RCKH |
High Precision Bulk Metal? Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011 High Precision Bulk Metal庐 Foil with Tolerance of 卤 0.005 % and Qualified to ESA Specification 4001/011 High Precision Bulk Metal㈢ Foil with Tolerance of 【 0.005 % and Qualified to ESA Specification 4001/011
|
Vishay Siliconix
|
1280G07 1285G100RJ 1285G100RK 1280G100RK 1280G100R |
Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers 3/4 Bulk Metal? Foil Technology Precision Trimming Potentiometers 3/4 Bulk Metal庐 Foil Technology Precision Trimming Potentiometers 3/4
|
Vishay Siliconix
|
RCMT0221501BES03 RCMT2057602FHB25 VISHAYSFERNICE-R |
Film/Foil Resistor, RES,AXIAL,METAL FILM,21.5K OHMS,300WV,.1% /-TOL,-25,25PPM TC RCMT Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors Film/Foil Resistor, RES,AXIAL,METAL FILM,82.5 OHMS,350WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,24.9K OHMS,200WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,10K OHMS,400WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100K OHMS,400WV,1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100 OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,104K OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,18K OHMS,300WV,.1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,2.1K OHMS,200WV,.5% /-TOL,-50,50PPM TC
|
Vishay Sfernice
|
LT1028A LT1128A LT1028CSW |
Ultralow Noise Precision High Speed Op Amps Unity Gain Stable Ultra-Low Noise Precision High Speed Op Amp Ultra Low Noise Precision High Speed Op Amps
|
Linear Technology
|
SMRC1D |
Bulk Metal? Foil Technology Surface Mount Precision Resistor Bulk Metal庐 Foil Technology Surface Mount Precision Resistor Bulk Metal㈢ Foil Technology Surface Mount Precision Resistor
|
Vishay Siliconix
|
|