PART |
Description |
Maker |
M80-4C13042F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 30 x Small bore signal contacts, 2 x 12 AWG Power contacts 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
50-37-5073 50-37-5123 50-37-5023 MOLEXINC-50-37-50 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1; Pitch Spacing:0.098" 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Connector Housing; Gender:Female; Number of Contacts:12; Series:5264-N SPOX(TM); Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Shroud:Yes 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HEADER CONNECTOR,CABLE MNT,PLUG,2 CONTACTS,0.098 PITCH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
050-0 050-010-455A 050-034-455 050-040-455 050-006 |
6 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:10; Contact Termination:IDC; Gender:Female; Contact Plating:Gold 10 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:40; Contact Termination:IDC; Gender:Female; Contact Plating:Gold; Leaded Process Compatible:Yes 40 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; No. of Contacts:34; Contact Termination:IDC; Gender:Female; Contact Plating:Gold RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET 6 to 64 contact sockets
|
ITW Pancon
|
19418-0005 |
Connector; Gender:Female; Number of Contacts:4; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
P4KA36A P4KA6.8 P4KA6.8A P4KA6.8AHE3-54 P4KA6.811 |
PAR Transient Voltage Suppressors
|
Vishay Siliconix http://
|
UTL1122G1W5S |
FEMALE FREE HANGING SIZE 12 LAYOUT 8 CONTACTS
|
List of Unclassifed Man...
|
|