PART |
Description |
Maker |
MTA2064-G MTA2064-Y MTA2064-HR MTA1164-YG MTA1164- |
Packaged LEDS/PCB Mount Indicators Marktech RT Angle Dual PCB MT 5mm LED
|
Marktech Optoelectronics MARKTECH[Marktech Corporate]
|
MTA4064-G MTA4064-HR MTA4064-Y MTA2264-HRG MTA2264 |
Packaged LEDS/PCB Mount Indicators 封装LED / PCB安装指标 Marktech RT Angle Quad PCB MT 5mm LEDs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
MT2064-RYCT MT2064-ROCT MT2064-RGCT MT2064-HRGCT M |
Bi-Color Packaged LEDS/PCB Mount Indicators 双色封装LED / PCB安装指标 Marktech RT Angle PCB MT 5mm Bi−Color LEDs
|
Marktech Corporate Marktech Optoelectronics
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
106-000-04-57 106-564-04 106-564-04-4 106-384-21 1 |
T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNTING LEDs - ? 5mm PCB MOUNTING LEDs - ? 5mm PCB MOUNTING LEDs - 篓陋 5mm
|
MARL INTERNATIONAL LTD Marl International Limited
|
5100623-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); Z-PACK/A RAF 110P ( AMP )
|
Tyco Electronics
|
87264-3852 87264-3453 87264-3452 87264-3653 87264- |
CONN RECEPT 2MM 38POS SIDE ENTRY 38 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .76AuLF 34Ckt 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 34POS SIDE ENTRY 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .76AuLF 36Ckt 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 36POS SIDE ENTRY 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .38AuLF 14Ckt 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 16POS SIDE ENTRY 16 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
FP-2S-2 |
MicroGripper - 0.5mm to 0.2mm Lead Pitch
|
List of Unclassifed Manufacturers
|
XSEB1 XXXDB1 XXXCB1 XSEC1 XSAC1 X10EC1 X10AC1 XXXA |
2mm X 2.5mm 4 Pads Ceramic Package
|
MMD Components
|
0194270017 0194270017-18 |
5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 8Circuits
|
Molex Electronics Ltd.
|
MR36PF34 MR24PA1 MR24PA14 MR24PA2 MR24PA3 MR24PA34 |
MINIATURE RIBBON STRAIGHT PCB TAIL IDC FLAT CABLE SOLDER TERMINALS RIGHT ANGLE PCB MOUNT
|
Adam Technologies, Inc.
|
4363D1-5 |
Solid State LED Lamps-Tri-Color 2mm x 5mm
|
Visual Communications C...
|
|