PART |
Description |
Maker |
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
IBM42F21LNNAA10 IBM42G21LNNAA10 |
1x Fibre Channel Small Form Factor PTH Transceiver(1x吉位光纤通道小外形PTH收发 1x Fibre Channel Small Form Factor PTH Transceiver(1x?????氦???灏??褰⑿TH?跺???
|
IBM Microeletronics
|
V23818-S5-B1 |
SFP - Small Form-factor Pluggable Cage EMI / Dust Plug SFP -小型可插拔笼的EMI /防尘插头 Transceivers by Standard - SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
|
INFINEON[Infineon Technologies AG]
|
LA-024-12-02-00-00 |
Compact form factor
|
Laird Tech Smart Techno...
|
LA-075-24-02-00-00 |
Compact form factor
|
Laird Tech Smart Techno...
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
NCS2-MINIPCIE01A |
Wi-Fi / 3G / 4G / LTE Module in NCS2 Form Factor
|
List of Unclassifed Man...
|
2018280--1 2018280--2 2018280--3 2018280--4 |
Small Form- Factor Pluggable (SFP) Seating
|
TE Connectivity Ltd
|
SPS-43-48H-CP-CDF-SD |
Small Form Factor Pluggable, Simple SC Connector
|
Source Photonics, Inc.
|
SZ5-M1 |
Superior Efficacy and Lumen output with Small Form Factor
|
Seoul Semiconductor
|
SZ5-M2-W0-00-16 |
Superior Efficacy & Lumen output with Small Form Factor
|
Seoul Semiconductor
|