PART |
Description |
Maker |
ATXMEGA32E5-14 ATXMEGA16E5-14 |
8/16-bit Atmel AVR XMEGA Microcontrollers
|
ATMEL Corporation
|
AT32UC3L0256-ZAUTES AT32UC3L0256-ZAUR AT32UC3L0256 |
32-bit Atmel AVR Microcontroller 32-bit Atmel AVR Microcontroller
|
ATMEL Corporation
|
COM0A0 COM0A1 COM1A0 COM1B1 COM1A1 PCINT8 TK5551 T |
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
|
ATMEL Corporation
|
AT76C711 |
The Atmel AT76C711, based on Atmels proprietary 8-bit AVR-enhanced RISC architecture, is a USB device designed to provide a high-speed USB interface to devices that need to communicate with a host through fast serial links like UARTs and
|
Atmel
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
MB89P945 MB89P945PF MB89943PF MB89945PF MB89940 MB |
8-bit Proprietary Microcontrolle
|
Fujitsu Component Limited.
|
MB90F927SPFV-GE1 MB90F927SPF-GE1 MB90F927PF-GE1 MB |
16-bit Microcontrolle 16-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu, Ltd. FUJITSU LTD
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATTINY25-15ST1 ATTINY25-15MT ATTINY25-15MZ ATTINY2 |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash MCU AVR 4K FLASH 15MHZ 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZC 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZ 8-SOIC
|
ATMEL Corporation Atmel, Corp.
|
AT25DF321A-SH AT45DB64D2-CNU XMEGA-A3BU AT45DB021D |
8-bit Atmel Microcontrollers
|
ATMEL Corporation
|
ATMEGA1280V |
(ATMEGAxxxxV) 8-bit Atmel Microcontroller
|
ATMEL
|
ATXMEGA32D4-CU ATXMEGA32D4-MHR ATXMEGA32D4-AU ATXM |
8/16-bit Atmel XMEGA D4 Microcontroller
|
ATMEL Corporation
|
|