PART |
Description |
Maker |
170M1310 170M2620 170M2621 170M1410 170M2658 170M1 |
Square Body ?DIN 43 653 690V (IEC/U.L.) Square Body ?DIN 43 653 690V IEC/UL 10-400A Square Body ?DIN 43 653 690V IEC/UL 10-400A Electrical Characteristics
|
Cooper Bussmann, Inc.
|
170M4193 170M6199 170M4189 |
Square Body - DIN 43 653
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
170M5145 170M6140 170M5140 170M5141 |
Square body DIN 43 653 stud-mount high speed fuses.
|
Cooper Bussmann, Inc.
|
PE7418-50 |
50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-10 |
10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-30 |
30 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-50 |
50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
0640037770 |
Square DIN style dies for 6 AWG
|
Molex Electronics Ltd.
|
6260 |
RF Coaxial Connector Adapter; Convert From:N Female; Convert To:DIN Female; Approval Bodies:CE; Body Material:Brass; Contact Plating:Silver; Impedance:50ohm; Series:7/16 DIN and N RoHS Compliant: Yes FEMALE-FEMALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
AD7476AAKS-REEL AD7476AAKS-REEL7 AD7476ABKS-500RL7 |
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:12; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 12C 6#12 6#16 PIN RECP WALL GT 4C 4#16S SKT PLUG GT 5C 5#16S PIN PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:14; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum; Series:GT; No. of Contacts:14; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:6; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 8-Bit, 1 MSPS, Low-Power A/D Converter in SC70 and MSOP Packages 10-Bit, 1 MSPS, Low-Power A/D Converter in SC70 and MSOP Packages 12-Bit, 1 MSPS, Low-Power A/D Converter in SC70 and MSOP Packages 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70
|
Analog Devices, Inc.
|
MAANIN0040 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:35; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Automotive Roof MountSirius Satellite Digital Radio Antenna
|
MACOM[Tyco Electronics]
|
ATTL7583AAJ-DT ATTL7583DAJ-D ATTL7583DF |
Line Card Access Switch Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:16; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 19C 19#16 SKT RECP WALL RM
|
http:// Agere Systems
|