Part Number Hot Search : 
SM6136 BC126 7C1276 IN74A 5LP110 00007 LVA483A IRF780
Product Description
Full Text Search
  620 Datasheet PDF File

For 620 Found Datasheets File :: 16439    Search Time::1.032ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    117-97-620-41-005 117-97-624-41-005 217-99-764-41-005 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-4

PRECI-DIP SA
Precid-DipDurtalSA
PREDIP[Precid-Dip Durtal SA]
Part No. 117-97-620-41-005 117-97-624-41-005 217-99-764-41-005 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-41-005 117-91-448-41-005 117-91-620-41-005 117-91-624-41-005 117-91-628-41-005 117-91-640-41-005 117-91-642-41-005 117-91-648-41-005 117-91-652-41-005 117-91-656-41-005 117-91-664-41-005 117-91-668-41-005 117-91-764-41-005 117-93-316-41-005 117-93-428-41-005 117-93-430-41-005 117-93-432-41-005 117-93-448-41-005 117-93-620-41-005 117-93-624-41-005 117-93-628-41-005 117-93-640-41-005 117-93-642-41-005 117-93-648-41-005 117-93-652-41-005 117-93-656-41-005 117-93-664-41-005 117-93-668-41-005 117-93-764-41-005 117-97-316-41-005 117-97-428-41-005 117-97-430-41-005 117-97-432-41-005 117-97-448-41-005 117-97-628-41-005 117-97-640-41-005 117-97-642-41-005 117-97-648-41-005 117-97-652-41-005 117-97-656-41-005 117-97-664-41-005 117-97-668-41-005 117-97-764-41-005 117-99-316-41-005 117-99-428-41-005 117-99-430-41-005 117-99-432-41-005 117-99-448-41-005 117-99-620-41-005 117-99-624-41-005 117-99-628-41-005 117-99-640-41-005 117-99-642-41-005 117-99-648-41-005 117-99-652-41-005 117-99-656-41-005 117-99-664-41-005 117-99-668-41-005 117-99-764-41-005 217-91-764-41-005 217-93-764-4
OCR Text ...41-005 117-91-448-41-005 117-91-620-41-005 117-91-624-41-005 117-91-628-41-005 117-91-640-41-005 117-91-642-41-005 117-91-648-41-005 117-91-652-41-005 117-91-656-41-005 117-91-664-41-005 117-91-668-41-005 117-91-764-41-005 Closed frame 217 ...
Description Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾
Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes
Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes
Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber
Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes
Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes
Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes
Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes
Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes
2#12 FEP SH FEP RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
ShrinkdipsocketsOpenandclosedframeSoldertail

File Size 44.64K  /  1 Page

View it Online

Download Datasheet





    OD-620

OptoDiode Corp
Part No. OD-620
OCR Text 620 FEATURES ANODE .358 .370 .100 * Wide angle of emission * Metal package for heatsinking * 50 mW output All surfaces are gold plated. Dimensions are nominal values in inches unless otherwise specified. .030 .297 .302 .200...
Description HIGH OUTPUT RED LED

File Size 265.41K  /  2 Page

View it Online

Download Datasheet

    EX-620-CGF-107F-12.8000 EX-620-CHF-107F-12.8000 EX-620-DGF-107F-12.8000 EX-620-DHF-107F-12.8000 EX-621-CGF-107F-12.8000

Vectron International, Inc.
Part No. EX-620-CGF-107F-12.8000 EX-620-CHF-107F-12.8000 EX-620-DGF-107F-12.8000 EX-620-DHF-107F-12.8000 EX-621-CGF-107F-12.8000 EX-621-CHF-107F-12.8000 EX-621-DGF-107F-12.8000 EX-621-DHF-107F-12.8000 EX-625-CGF-107F-12.8000 EX-625-CHF-107F-12.8000 EX-625-DGF-107F-12.8000 EX-625-DHF-107F-12.8000 EX-620-CHF-107A-12.8000 EX-621-CHF-107A-12.8000 EX-625-CHF-107A-12.8000 EX-620-CHD-758A-12.8000 EX-621-CHD-758A-12.8000 EX-625-CHD-758A-12.8000 EX-620-CHD-758F-12.8000 EX-621-CHD-758F-12.8000 EX-625-CHD-758F-12.8000 EX-625-CHDST3F-12.8000 EX-625-CHFST3A-12.8000 EX-625-CHFST3F-12.8000 EX-625-DAFST3F-12.8000 EX-625-DGD-758F-12.8000 EX-625-DGDST3F-12.8000 EX-625-DGF-107A-12.8000 EX-625-DGFST3F-12.8000 EX-625-DHD-758A-12.8000 EX-625-DHD-758F-12.8000 EX-625-DHDST3F-12.8000 EX-625-DHF-107A-12.8000 EX-625-DHFST3A-12.8000 EX-625-DHFST3F-12.8000 EX-620-CGDST3F-12.8000 EX-620-CHDST3F-12.8000 EX-620-DGDST3F-12.8000 EX-620-DHDST3F-12.8000 EX-621-CGDST3F-12.8000 EX-621-CHDST3F-12.8000 EX-621-DGDST3F-12.8000 EX-621-DHDST3F-12.8000 EX-620-CHFST3A-12.8000 EX-620-DHFST3A-12.8000 EX-621-CHFST3A-12.8000 EX-621-DHFST3A-12.8000 EX-621-CHFST3F-12.8000 EX-620-CAFST3F-12.8000 EX-620-CGD-758A-12.8000 EX-620-CGD-758F-12.8000
OCR Text 620 Series Evacuated Miniature Crystal Oscillator EMXOTM Description: The EX-620 Series offers a ruggedized hybrid thick film construction in a low profile hermetically sealed 4pin HALF DIP package, which can withstand severe environment...
Description Evacuated Miniature Crystal Oscillator
OCXO, CLOCK, 11.68 MHz, HCMOS OUTPUT HERMETIC SEALED, MINIATURE, DIP-4
OCXO, SINE OUTPUT, 11.68 MHz HERMETIC SEALED, MINIATURE, SMD, 4 PIN
OCXO, CLOCK, 11.68 MHz, HCMOS OUTPUT HERMETIC SEALED, MINIATURE, SMD, 4 PIN
OCXO, CLOCK, 10 MHz, HCMOS OUTPUT
OCVCXO, CLOCK, 19.44 MHz, HCMOS OUTPUT
OCXO, CLOCK, 30 MHz, HCMOS OUTPUT
OCVCXO, CLOCK, 16.384 MHz, HCMOS OUTPUT
OCVCXO, CLOCK, 10 MHz, HCMOS OUTPUT
OCVCXO, SINE OUTPUT, 16.384 MHz
OCVCXO, CLOCK, 11.68 MHz, HCMOS OUTPUT
OCVCXO, SINE OUTPUT, 11.68 MHz
OCVCXO, SINE OUTPUT, 20 MHz
OCVCXO, SINE OUTPUT, 30 MHz
OCXO, SINE OUTPUT, 19.44 MHz
OCXO, SINE OUTPUT, 12.8 MHz
OCXO, SINE OUTPUT, 30 MHz
OCVCXO, SINE OUTPUT, 12.8 MHz
OCVCXO, SINE OUTPUT, 10 MHz
OCXO, SINE OUTPUT, 10 MHz
OCVCXO, SINE OUTPUT, 19.44 MHz

File Size 317.72K  /  5 Page

View it Online

Download Datasheet

    620-053M16

Glenair, Inc.
Part No. 620-053M16
OCR Text ...asic part no. finish (table ii) 620-053 m 16 a clamp style dash no. n style h heavy duty (table iv) style a medium duty (table v) style d medium duty (table v) style m medium duty (table v) p m t t w r x s w l x max style e medium duty (tab...
Description Backshell Accessory Thread Strain Reliefs

File Size 61.22K  /  2 Page

View it Online

Download Datasheet

    M39029-107-620 M39029-107-621 M39029-107-622 M39029-107-623 M39029-107-624 850-007-20-621 850-007-10-624 850-007-12-623

Glenair, Inc.
Part No. M39029-107-620 M39029-107-621 M39029-107-622 M39029-107-623 M39029-107-624 850-007-20-621 850-007-10-624 850-007-12-623 850-007-16-622 850-007-22-620
OCR Text ...Military Part Number M39029/107-620 M39029/107-621 M39029/107-622 M39029/107-623 M39029/107-624 Glenair Part Number 850-007-22-620 850-007-20-621 850-007-16-622 850-007-12-623 850-007-10-624 T (Ref) Color Bands 2nd 1st S 3rd M .033 .029 ...
Description Extended Duty Electrical Pin Contact

File Size 355.19K  /  2 Page

View it Online

Download Datasheet

    620-006

Glenair, Inc.
Part No. 620-006
OCR Text ...f (table iii) k j g c (table i) 620-006 split strain reliefs rotatable coupling - straight and 90 connector designator a-f-h-l rotatable coupling product series connector designator angle and profile s= straight a = 90 basic part no. 620 ...
Description Split Strain Reliefs

File Size 28.02K  /  2 Page

View it Online

Download Datasheet

    Furuno
Part No. FCV-620
OCR Text ...ence to a magnetic compass: fcv-620 standard steering compass compass 0.3 m 0.3 m do not turn on the equipment with the transducer out of water. the transducer may be damaged. fcv-585 0.5 m 0.3 m display un...
Description Echo Sounder Operator Manual

File Size 7,330.84K  /  56 Page

View it Online

Download Datasheet

    THOMAS & BETTS CORP
Part No. 620-AG1TF
OCR Text ...616-cg2 618-ag1 618-bg1 618-cg1 620-ag1 620-bg1 620-cg1 622-ag1 622-bg1 622-cg1 624-ag1 624-bg1 624-cg1 628-ag2 628-bg2 628-cg2 632-ag2 632-bg2 632-cg2 636-ag1 636-bg1 636-cg1 640-ag1 640-bg1 640-cg1 d 3 ** 300 (7,62) .600 (15,24) .600 ...
Description DIP20, IC SOCKET

File Size 49.83K  /  3 Page

View it Online

Download Datasheet

    620-002 620AA002Z116D

Glenair, Inc.
Part No. 620-002 620AA002Z116D
OCR Text ...esignator a rotatable coupling 620 a a 002 u 16 d see inside back cover fold-out or page 14 for table i. a thread (table i) c (table i) e (table iii) h-drain holes, 4 places, 90 apart cable entry drain hole option (omit for none) shell siz...
Description Strain Relief

File Size 20.36K  /  1 Page

View it Online

Download Datasheet

    620-004

Glenair, Inc.
Part No. 620-004
OCR Text ...ii) f (table iii) g (table iii) 620-004 backshell accessory - 90 strain relief rotatable coupling product series connector designator angle and profile a = 90 basic part no. 620 a a 004 m 16 shell size (table iii) finish (table ii) connecto...
Description Backshell Accessory - 90° Strain Relief

File Size 19.63K  /  1 Page

View it Online

Download Datasheet

For 620 Found Datasheets File :: 16439    Search Time::1.032ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.90620803833008