PART |
Description |
Maker |
PE-63386NL |
International safety construction, VDE approved
|
Pulse A Technitrol Company
|
MBS1230-22 MBS1205 MBS1205-22 MBS1210-22 MBS1215-2 |
Equipment Designed to Meet EMI Regulations Such As VCCI /CISPR /FCC /VDE /etc Equipment Designed to Meet EMI Regulations Such As VCCICISPRFCCVDEetc Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
|
LAMBDA[DENSEI-LAMBDA]
|
PBP-3201 PBP-3201-22 PBP-3202-22 PBP-3203-22 PBP-3 |
Equipment Designed to Conform EMI Regulations Such As VCCICISPRFCCVDEetc EQUIPMENT DESIGNED TO CONFORM EMI REGULATIONS SUCH AS VCCI,CISPR,FCC,VDE,ETC Equipment Designed to Conform EMI Regulations Such As VCCI/CISPR/FCC/VDE/etc KPT 10C 10#20 PIN PLUG KPTC 10C 10#20 SKT PLUG KPTC 6C 6#20 SKT PLUG KPTC 8C 8#20 PIN PLUG
|
http:// LAMBDA[DENSEI-LAMBDA]
|
ST72T311J4B6 ST72T311J4T3 ST72T311J4B6S |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS CAP, FUSE, FLUSH MOUNT; Current, fuse rating:16A; Approval category:UL Recognised; Temp, op. max:70(degree C); Temp, op. min:-25(degree C); Approval Bodies:CSA, SEMKO, VDE; Colour:Black; Current rating:16A; Diameter, body:9.2mm; RoHS Compliant: Yes FUSE HOLDER, PCB, 20X5MM; Current, fuse rating:6.30A; Approval category:VDE, CSA, UL, SEMKO; Approval Bodies:VDE, CSA, UL, SEMKO; Approvals @ 10A:Semko, VDE; Approvals @ 16A:UL, CSA; Current rating:10A; Diameter, bezel:15mm; Fuse RoHS Compliant: Yes
|
STMicroelectronics
|
DB300S DB300R DB300A SIDAC DB120A DB120R DB120S DB |
Bilateral Voltage triggered Switch Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
|
Jinan Jingheng (Group) ... Jinan Jing Heng Electro...
|
SF-TX-8X80-VDE |
Screwdriver, Torx?, VDE-insulated, TX 8 x 80, two-component handle
|
PHOENIX CONTACT
|
UNIFOX-PE-VDE-DB |
Individually tested safety tools according to DIN EN 60900 (VDE 0682?01)
|
PHOENIX CONTACT
|
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
CUTFOX-S-VDE-M |
Diagonal cutter, 130 mm, induction-hardened cutting, VDE 1000 V AC/ 1500 V DC tested
|
PHOENIX CONTACT
|
UNIFOX-R-VDE |
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
|
PHOENIX CONTACT
|
UNIFOX-PC-VDE |
Needle-nose pliers with blade, angled 45°, notched grip area, VDE 1000 V AC/1500 V DC tested
|
PHOENIX CONTACT
|
ARM6-4102 |
Made with UL Approved Materials
|
Allied Components Inter...
|