Part Number Hot Search : 
CDA15 5225B SMS4003K 5225B DR623CT 1PMT4635 M8085AH 9X388
Product Description
Full Text Search
  transformers Datasheet PDF File

For transformers Found Datasheets File :: 4866    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TRJ-80-6A TRJ-80-6B TRJ-80-6C TRJ-80-6E TRJ-80-6F TRJ-20-6A TRJ-20-6C

Nuvotem Talema
Part No. TRJ-80-6A TRJ-80-6B TRJ-80-6C TRJ-80-6E TRJ-80-6F TRJ-20-6A TRJ-20-6C
OCR Text transformers for RF Applications These miniature transformers are suitable for pulse applications requiring a very fast rise time and for 50 ohm wideband RF Features * SMD styles are pick and place compatable and provide consistent and r...
Description Pulse transformers for RF

File Size 43.24K  /  1 Page

View it Online

Download Datasheet





    AM79C874 AM79C874VC

Advanced Micro Devices
Part No. AM79C874 AM79C874VC
OCR Text ...LP device can use 1:1 isolation transformers or 1.25:1 isolation transformers. 1.25:1 isolation transformers provide 20% lower transmit power consumption. A PECL interface is available for 100BASE-FX applications. Interface to the Media Acc...
Description NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver

File Size 507.05K  /  60 Page

View it Online

Download Datasheet

    PA1134NLT

Pulse A Technitrol Company
Part No. PA1134NLT
OCR Text ...ulseeng.com 100 spm2007 (11/07) transformers part 3, 4 turns ratio primary primary leakage dcr (m max) number application 2 secondary inductance inductance pri. sec. sec. pri. sec. pri. aux. isolation (h 10%) (h max) pri. aux. a b ep7 -...
Description HIGH FREQUENCY WIRE WOUND transformers

File Size 106.31K  /  4 Page

View it Online

Download Datasheet

    PA0801NL PA0803NL PA0802 PA0801NLT PA0805NL PA0807 PA0809NL PA0804NL PA0806NL PA0808NL

Pulse A Technitrol Company
Pulse A Technitrol Comp...
Part No. PA0801NL PA0803NL PA0802 PA0801NLT PA0805NL PA0807 PA0809NL PA0804NL PA0806NL PA0808NL
OCR Text ... (11/07) high frequency planar transformers pa08xxnl series (up to 140w) mechanical power rating: up to 140w height: 8.6mm to 9.7mm max footprint: 23.4mm x 21.6mm max frequency range: 200khz to 700khz isolation (primary to secondary & co...
Description HIGH FREQUENCY PLANAR transformers PA08XXNL Series (up to 140W)

File Size 252.23K  /  3 Page

View it Online

Download Datasheet

    TOKO INC
Part No. CHM2012U-F4R0BD
OCR Text ... multila y er chip balun transformers chm1608u-f catalog ( pdf:170kb ) features miniature size: 1.6x0.8x0.8mm. a pp lication of dc bias can be done. monolithic structure yields high reliability. (opera ting temperatur...
Description 3200 MHz - 4800 MHz RF TRANSFORMER

File Size 91.29K  /  2 Page

View it Online

Download Datasheet

    Murata Power Solutions
Part No. ACM3P-4-AC1-R-C ACM3P-4-AC1-G-C ACM3P-4-AC1-R-B-C
OCR Text ...ange ? ? three built-in current transformers measure up to 100a per phase ? ? ideal for power distribution units (pdus) and backup power systems ? ? low power consumption: less than ?watt from 120vac supply ? ? one-piece polycarbonate ho...
Description Three-Phase AC Ammeters

File Size 413.02K  /  6 Page

View it Online

Download Datasheet

    SF2076B

Murata Manufacturing Co., Ltd.
RF Monolithics, Inc
Part No. SF2076B
OCR Text ...tched to 200 ohms balanced, 4:1 transformers account for 2db of loss) part value manufactureer part # rfm part # qty. pcb na custom built for rfm 400-1608-001 1 l1 27 nh coilcraft 0603cs-27nxjb, 0603 size na 1 l2 24 nh coilcraft 0603cs-24nx...
Description 464.00 MHz SAW Filter

File Size 362.55K  /  11 Page

View it Online

Download Datasheet

    PULSE ELECTRONICS CORP
Part No. TX1266T TX1268NL TX1298T
OCR Text transformers quad port t1/e1 with 8 transformers, 1500vrms models matched to leading quad and dual t1/e1/cept/isdn-pri transceivers crosstalk: -65db or better ul1950 recognized (some parts pending approval) rohs compliant versions availabl...
Description TELECOM TRANSFORMER

File Size 200.45K  /  4 Page

View it Online

Download Datasheet

    TEMCo
Part No. TT2246 TT2243 TT2241 TT2242
OCR Text ...0-1507 temco industrial control transformers are used to convert all standard international voltages. many models are dual frequency rated for 50 and 60 hz. temco?s transformers are built to last, guaranteed! that's why we back these wit...
Description (TT2232 - TT2246) Control Transformer

File Size 15,412.01K  /  4 Page

View it Online

Download Datasheet

   
Part No. CTX110603-R
OCR Text transformers for use in ccfl power supplies, available in through-hole and surface mount recess or gull wing versions, incorporating floating or fixed secondary technology ? supply output current up to 30 milli-amps ? frequency range from...
Description POWER TRANSFORMER, 6 VA

File Size 877.67K  /  4 Page

View it Online

Download Datasheet

For transformers Found Datasheets File :: 4866    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of transformers

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1435267925262