PART |
Description |
Maker |
4-292156-2 4-292156-5 4-292156-3 4-292156-6 4-2921 |
FREE HANGING TYPE RELAY POST HEADER ASSY
|
Tyco Electronics
|
1-172211-0 172211-2 172211-3 172211-4 172211-5 172 |
EI SERIES CONNECTOR (Wier-to-Wire) FREE HANGING TYPE CAP HOUSING
|
Tyco Electronics
|
19-09-1122 1991-12R1 0019091122 |
2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 12 Circuits, 3 Rows, Free Hanging
|
Molex Electronics Ltd.
|
NYP-12W-K-IE NY-12W-K-IE |
POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
|
Fujitsu Component Limited.
|
VH-5 VH-6 VH-18 VH-60 VH-24 VH-12 VH-9 VH-48 |
POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
|
Fujitsu Component Limited.
|
RIF-0-RSC-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
H3AA05V FTR-H3 H3AA005V H3AA009V H3AA012V FTR-H3AA |
SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.106A (COIL), 5VDC (COIL), 530mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES 静音电源继电器一极?0阿薄型介绍,FTR - H3系列 SILENT POWER RELAY 1 POLE?0 A LOW PROFILE TYPE FTR-H3 SERIES
|
Fujitsu Limited Fujitsu, Ltd. FUJITSU LTD
|
0357030360 |
4.75mm (.187) Tab Slip-on Terminal, 16-20 AWG, for 0.81mm (.032) Tab Thickness, Brass, Lead-free, Post-Tin (Sn) Plating
|
Molex Electronics Ltd.
|
BAT54SWGH |
Schottky Barrier Diode Lead free product Halogen - free type
|
Zowie Technology Corporation
|
BAS16HT1GH |
Switching Diode Lead free product Halogen-free type
|
Zowie Technology Corporation
|
RPL1ATCN24 RPL1CTCN24 RPL1ATCN48 RPL1CTCN48 RPL-1C |
RELAY POWER RELAY LARGE SIZE-TYPE RPL
|
Adam Technologies, Inc.
|