PART |
Description |
Maker |
FAN2501S33 FAN2500S |
Pch Power MOSFET; Surface Mount Type: N; Package: TFP; R DS On (Ω): (max 0.12) (max 0.09); I_S (A): (max -18) 积极的固定电压稳压器
|
HIROSE ELECTRIC Co., Ltd.
|
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
TC74VHC4053AFK TC74VHC4051AFT |
Loop detection; Vin (V) max.: 24; Icc (mA) max.: 6.45; Fmax (kHz) max.: 400; Topr [Tjopr] (°C): -40 to 125; Remarks: Power factor collection; Package: DIP; Pin count: 16 Synchronous phase shift full-bridge control IC ; Vin (V) max.: 20; Icc (mA) max.: 10; Fmax (kHz) max.: 2 MHz; Topr [Tjopr] (°C): -40 to 125; Remarks: Switching regulator; Package: TSSOP; Pin count: 20
|
Toshiba Corporation
|
P2681A-08TT P2681A P2681A-08SR P2681A-08ST P2681A- |
ICs for Inductive Proximity Switches; Package: S--0; VCC (min): 3.1 V; VCC (max): 40.0 V; ICC (max): 0.84 mA; IQ (max): 60.0 mA; Operating Temperature (min): -40.0 degC; General Purpose EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
OP-27EIH OP-27EIJ8 OP-27EIN8 OP-27GIH OP-27GIN8 OP |
OP-AMP, 3000 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 80 uV OFFSET-MAX, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, PDIP8 PLASTIC, DIP-8 OP-AMP, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, 80 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 180 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 750 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 250 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 500 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 60 uV OFFSET-MAX, MBCY DUAL OP-AMP, 150 uV OFFSET-MAX, PDIP DUAL OP-AMP, 100 uV OFFSET-MAX, PDSO DUAL OP-AMP, 1500 uV OFFSET-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AM29LV652D AM29LV652DU90RMAF AM29LV652DU12RMAF AM2 |
128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control Varistor; Package/Case:0805; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.6V; Output Current Max:1A; Output Voltage Max:18V
|
Spansion Inc. SPANSION LLC Advanced Micro Devices
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
CXT2907A |
High current (max.600mA), Low voltage (max.60V)
|
TY Semiconductor Co., Ltd
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
|