PART |
Description |
Maker |
X-NUCLEO-NFC02A1 |
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
|
STMicroelectronics
|
M24LR64E-R M24LR64E-RMN6T/2 |
64-Kbit Dynamic NFC/RFID tag with password protection, energy harvesting and RF status functions
|
ST Microelectronics
|
ST25DV04K |
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
|
STMicroelectronics
|
HARSH-TAG-80 |
UHF RFID HARSH-TAG-80 Tag-on-metal
|
PREMO CORPORATION S.L
|
MC34160 MC34160DW MC34160P MC33160 ON1103 MC33160D |
From old datasheet system MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT Tag-it(TM) HF-I Standard Transponder Inlays Square 0-RFIDN -25 to 70 Tag-it(TM) HF-I Pro Transponder Inlays Large Square 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays 24.2-mm Circular 0-RFIDN -25 to 70 FIXED POSITIVE REGULATOR, PDIP16
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MCM32A932SG33 MCM32A732SG33 MCM32A864SG33 MCM32A76 |
128KB/256KB Secondary Cache Module With Tag, Valid, and Dirty for i486 Processor Systems OSC 5V 8PIN TTL 64K X 32 CACHE TAG SRAM MODULE, 25 ns, DMA112
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LRI1K |
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
BC868-16-CCC BC868-25-CDC BC868 BC868-CAC BC86825 |
Obsolete SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Type:PC Board; Terminal Type:Push-On; Voltage Rating:125V RoHS Compliant: Yes ; Mounting Type:Chassis Mount; Terminal Type:Push-On; Voltage Rating:125V RoHS Compliant: Yes
|
Philips Semiconductors ZETEX[Zetex Semiconductors]
|
570-059NF06LL 570-059NF06LR 570-059NF02LL 570-059N |
EMI/RFI TAG Ring垄莽 Backshell EMI/RFI TAG Ring庐 Backshell EMI/RFI TAG Ring? Backshell
|
Glenair, Inc. http://
|
GS84118B-150I |
256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 10 ns, PBGA119
|
GSI Technology, Inc.
|
AS3911B |
NFC Initiator / HF Reader IC
|
ams AG
|