PART |
Description |
Maker |
IRFS4127PBF IRFSL4127PBF IRFS4127TRLPBF IRFS4127PB |
HEXFET Power MOSFET HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRF540PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRF3717 |
HEXFETPower MOSFET
|
IRF[International Rectifier]
|
IRF7103QPBF |
AUTOMOTIVE MOSFET HEXFETPower MOSFET ㈢汽车的HEXFET MOSFET的功率MOSFET
|
International Rectifier, Corp.
|
IRF7328PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
International Rectifier, Corp.
|
IRLM6402GPBF IRLML6402GPBF |
HEXFETPower MOSFET HEXFET Power MOSFET
|
International Rectifier
|
PVDZ172 |
HEXFETPower MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
|
International Rectifier
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
ST6391B1 |
MOSFET; Transistor Polarity:Dual N Channel; Continuous Drain Current, Id:2.6A; On-Resistance, Rds(on):0.18ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 8位微控制器HCMOS电视频率合成带OSD
|
STMicroelectronics N.V.
|
AIC809N31CUBG AIC809N31CUTR AIC809N31PUBG AIC809N3 |
N-CH MOSFET SO8BWL 8MOHMS AT 10V PWM OPTIMIZED - LEAD FREE VERSION 3引脚微处理器复位电路 MOSFET; Transistor Polarity:Dual N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:6.9A; On-Resistance, Rds(on):26mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:8-SOIC; Leaded Process Compatible:No 3引脚微处理器复位电路 3-PIN MICROPROCESSOR RESET CIRCUITS 3引脚微处理器复位电路 MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:12A; On-Resistance, Rds(on):0.0085ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:11A; On-Resistance, Rds(on):0.011ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 2-way ALL.CLIP, EX-LARGE IEC1010 KIT RoHS Compliant: Yes (AIC809 / AIC810) 3-PIN MICROPROCESSOR RESET CIRCUITS
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
ISL6622AIBZ ISL6622AIRZ ISL6622ACRZ ISL6622ACBZ IS |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 3 A AND GATE BASED MOSFET DRIVER, PDSO10 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 3 A AND GATE BASED MOSFET DRIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ZXMN6A11G ZXMN6A11GFTA ZXMN6A11GFTC |
N-channel MOSFET 60V N-CHANNEL ENHANCEMENT MODE MOSFET ; Current Rating:6A; Voltage Rating:250V; Mounting Type:Screw; Features:High Attenuation; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Line Filter; Current Rating:10A; Voltage Rating:250V; Mounting Type:Screw; Features:High Attenuation; Series:MXB
|
ZETEX[Zetex Semiconductors]
|