PART |
Description |
Maker |
VSORC20AD VSORC-AD VTSRC20AD VSSRC20AD VTSRC-AD VS |
RC NETWORK, T-FILTER, 1W, 100ohm, 0.00022uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.000068uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1W, 120ohm, 0.00025uF, SURFACE MOUNT, SSOP-20 25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks RC NETWORK, T-FILTER, 1W, 18ohm, 0.00015uF, SURFACE MOUNT, TSSOP-20 TSSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1W, 18ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 SSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1.2W, 12ohm, 0.000015uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 12ohm, 0.00001uF, SURFACE MOUNT, SSOP-20 RC NETWORK, T-FILTER, 1.2W, 120ohm, 0.00025uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 1W, 33ohm, 0.000033uF, SURFACE MOUNT, SSOP-20
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY THIN FILM
|
VTSRC20AD180100T0 VSORC20AD180100T1 VSORC20AD18010 |
RC NETWORK, T-FILTER, 1W, 18ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 TSSOP, ROHS COMPLIANT RC NETWORK, T-FILTER, 1W, 18ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 SOIC, ROHS COMPLIANT RC NETWORK, T-FILTER, 1W, 12ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 100ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20
|
Vishay Intertechnology, Inc. VISHAY THIN FILM
|
CSPRC032AG CSPRC032A |
4 Channel EMI Filter Network
|
CALMIRCO[California Micro Devices Corp]
|
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
CSPRC032A |
"EMI/RFI Filter Network, Chip Scale Package" From old datasheet system
|
California Micro Devices
|
IP3338CX24 IP3338CX24/LF IP3338CX24_LF |
10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
IP3337CX1809 IP3337CX18/LF/P13 |
7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
|
NXP Semiconductors N.V.
|
IP4254CZ12 IP4254CZ16 IP4254CZ8 IP4253CZ12 IP4253C |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
|
NXP Semiconductors
|
S556-5999-A4 |
10BASE-T NETWORK COMPONENTS FILTER MODULES DATACOM TRANSFORMER FOR LAN; 10 BASE-T APPLICATION(S)
|
Bel Fuse, Inc.
|
RC1313EFR-N-0.1-4-5-2101 RC1313TC-N-0.1-4-5-2101 R |
RC NETWORK, ISOLATED, 0.5W, 330ohm, 200V, 0.25uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 56ohm, 630V, 1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 56ohm, 630V, 0.5uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 100ohm, 200V, 1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 39ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 680ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 220ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 27ohm, 630V, 0.25uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 150ohm, 630V, 0.25uF, THROUGH HOLE MOUNT, 2 RESISTOR-CAPACITOR NETWORKS
|
ELECTRONIC FILM CAPACITORS INC Electronic Film Capacitors, Inc.
|
|