PART |
Description |
Maker |
EN3P8MSK EN3P8FSK EN3P8FSKL EN3P8MSKL 3FS EN3P4FCK |
8 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, MALE, CIRCULAR CONNECTOR, SOLDER 8 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER 3 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER 4 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, CRIMP 5 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER Circular Connector; Number of Contacts:6; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:EN3 Circular Connector; Gender:Male; No. of Contacts:8; Series:EN3; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Switchcraft, Inc. SWITCHCRAFT INC
|
51110-2851 |
Multipole Connector; Gender:Male; Number of Contacts:28; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079"
|
Molex
|
BAR0748P-IP68 BAR0745S-IP68 |
4 CONTACT(S), GLASS FILLED POLYAMIDE, MALE, CIRCULAR CONNECTOR, SCREW, PLUG ROHS COMPLIANT 7 CONTACT(S), GLASS FILLED POLYAMIDE, FEMALE, CIRCULAR CONNECTOR, SCREW, RECEPTACLE
|
Amphenol, Corp. AMPHENOL CORP
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
NTE15049AC NTE15040-ECG NTE15048-ECG NTE15050AC NT |
Surge arrester (gas filled). Nominal breakdown voltage 240VAC. Surge arrester (gas filled). Nominal breakdown voltage 600VDC Surge arrester (gas filled). Nominal breakdown voltage 230VDC Surge arrester (gas filled). Nominal breakdown voltage 300VDC Surge arrester (gas filled). Nominal breakdown voltage 90VDC Surge arrester (gas filled). Nominal breakdown voltage 110VDC Surge Arresters (Gas Filled) 避雷器(充气 Surge arrester (gas filled). Nominal breakdown voltage 350VDC Surge arrester (gas filled). Nominal breakdown voltage 145VDC Surge arrester (gas filled). Nominal breakdown voltage 470VDC Surge arrester (gas filled). Nominal breakdown voltage 75VDC Surge arrester (gas filled). Nominal breakdown voltage 120VAC.
|
NTE Electronics, Inc.
|
008380010000010 |
UL94VO rated glass filled grey polyester
|
AVX Corporation
|
TYPEHCSERIES |
Glass filled polyester (PBT, UL flammability 94V-0)
|
Dubilier
|
87814-650 87814-630 87814-635 87814-620 87814-605 |
HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
|
FCI connector
|
KC820M200/AA KC820M20JE/AA |
8 CONTACT(S), GLASS FILLED POLYAMIDE, MALE, CIRCULAR CONNECTOR, SOLDER
|
POSITRONIC INDUSTRIES INC
|
022312 |
12 CONTACT(S), GLASS FILLED PEI, MALE, CIRCULAR CONNECTOR, SOLDER, PLUG
|
LUMBERG CONNECT GMBH
|
UTG02235PH |
35 CONTACT(S), GLASS FILLED POLYETHYLENE, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE
|
SOURIAU INC
|