PART |
Description |
Maker |
M80-4D10605F1-00-000-05-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Large bore signal contacts, 5 x 14 AWG Power contacts 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
3005W5SXX99A30X |
D-SUB COMBINATION FEMALE 5W5S WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
22-01-2131 22-01-2331 22-01-2231 22-01-2091 22-01- |
100 KK Term O/LRamp WO/PoR 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 29Ckt 33 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,9 Contacts,SKT,0.100 Pitch,IDC Terminal 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.1 Pitch,IDC Terminal 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:6; Series:2695; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; No. of Rows:1; Pitch Spacing:2.54mm RoHS Compliant: Yes 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:20; Series:2695; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:2.54mm 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:12; Series:2695; Body Material:PA Polyamide (Nylon); Color:White; Connecting Termination:Crimp; Number of Rows:1; Pitch Spacing:2.54mm 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.100 Pitch,IDC Terminal 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:14; Series:2695; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:2.54mm 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 1Ckt 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:2; Series:2695; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:2.54mm 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Hsg W/LRamp Nylon 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.100 Pitch,IDC Terminal 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:16; Series:2695; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:2.54mm RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:5; Series:2695; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:2.54mm 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 27Ckt 27 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.1 Pitch,IDC Terminal 100 KK Term O/LRamp WO/PoR 2Ckt 100 KK Term Hsg W/LRamp Nylon 21Ckt 100 KK Term O/LRamp WO/PoR 21Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Hsg W/LRamp W/PoR 11Ckt 100 KK Term Hsg W/LRamp W/PoR 10Ckt Connector Housing; Gender:Female; Number of Contacts:11; Series:2695; Body Material:PA Polyamide (Nylon); Color:White; Connecting Termination:Crimp; Number of Rows:1; Pitch Spacing:2.54mm
|
Molex, Inc. MOLEX INC
|
09-52-4064 |
PC Board Connector; No. of Contacts:6; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Gender:Female; Series:2145/3258 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
P4KA36A P4KA6.8 P4KA6.8A P4KA6.8AHE3-54 P4KA6.811 |
PAR Transient Voltage Suppressors
|
Vishay Siliconix http://
|
M83513/04-H03C M83513/02-EC M83513/02-FC M83513/02 |
Connector,D-Shell,Cable Mnt,RECEPT,100 Contacts,SKT,0.05 Pitch,WIRE Terminal,HOLE .138-.163 100 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOCKET Connector,D-Shell,Cable Mnt,RECEPT,31 Contacts,SKT,0.05 Pitch,SOLDER Terminal,HOLE .087-.098 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET Connector,D-Shell,Cable Mnt,RECEPT,37 Contacts,SKT,0.05 Pitch,SOLDER Terminal,HOLE .087-.098 37 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET Connector,D-Shell,Cable Mnt,RECEPT,51 Contacts,SKT,0.05 Pitch,SOLDER Terminal,HOLE .087-.098 51 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOCKET 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, PLUG 9 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOCKET
|
Cinch Connectors
|
|