PART |
Description |
Maker |
M80-4C13042F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 30 x Small bore signal contacts, 2 x 12 AWG Power contacts 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
0850481782 85048-1782 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, with 4 additional high current solder contacts, 42 Circuits
|
Molex Electronics Ltd.
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
51004-0200 51004-1500 51004-0700 51004-0600 |
Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.079 Pitch 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.079 Pitch 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:7; Series:51004; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:6; Series:51004; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
90142-0014 90142-0024 90142-0022 90142-0034 90142- |
Connector Housing; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:22; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:34; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:60; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 60 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:64; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 64 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 44POS .100 DUAL 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 54POS .100 DUAL 54 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
10-11-2194 10-11-2193 10-11-2204 10-11-2203 10-11- |
KK 100 Housing Crimp Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 19 Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Crp/Pol Rmp 94V-0 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 14 Ckt 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 11POS .100 HI PRESS 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 16 Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Std 4 Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 24 Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Std 16 Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 7POS .100 HI PRESS 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 12POS .100 HI PRESS 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 7 Ckt KK 100 Housing Crimp Std 7 Ckt KK 100 Housing Crimp Pol Ramp 2 Ckt
|
Molex, Inc. MOLEX INC
|
22-42-4184 22-45-7028 22-45-6101 22-45-6066 22-45- |
KK 100 IDT FTo Ramp Tin 18ckt 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Pl Ramp Gold 2ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT 22awg FTh Std Gold 10ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT 22awg FTh Pl Ramp Gold 6ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Ramp Gold 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC A-7720-WD8F501B 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Pl Ramp Gold 5ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT 22awg FTo Pl Ramp Gold 10ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Ramp Tin 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Pl Ramp Tin 13ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT 22awg FTo Pl Ramp Tin 10ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Pl Ramp Gold 6ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT 22awg FTh Std Tin 27ckt 27 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Ramp Tin 11Ckt 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Ramp Tin 13ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Pl Ramp Tin 12ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Std Tin 4ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Std Tin 6ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Ramp Tin 5ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Pl Ramp Tin 8ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Ramp Tin 15ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Std Tin 2Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC 100 KK IDT FTo W/Ramp Tin 15ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT 22awg FTo Pl Ramp Tin 4ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Ramp Tin 17ckt 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTo Pl Ramp Tin 20ckt 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC KK 100 IDT FTh Ramp Tin 21ckt KK 100 IDT FTo Ramp Tin 4Ckt KK 100 IDT FTh Std Tin 23ckt
|
Molex, Inc. MOLEX INC
|
102241-4 |
.100 Inch Centerline AMPMODU Headers, Connectors & Contacts; 06 MODIV HSG COMP SR .100 POL ( AMP )
|
Tyco Electronics
|
70ADJ-6-FL0G 70ADJ-5-FL1G 70ADJ-2-FL1G 70ADJ-4-FL0 |
Modular Contacts 6 Position Female SMD PCB CONNECTOR Modular Contacts 5 Position Female SMD PCB CONNECTOR Modular Contacts 2 Position Female SMD PCB CONNECTOR Modular Contacts 4 Position Female SMD
|
Bourns, Inc. BOURNS INC
|
302W2CSXX99A30X |
D-SUB COMBINATION FEMALE 2W2CS WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
|