PART |
Description |
Maker |
M80-4D10605F1-00-000-05-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Large bore signal contacts, 5 x 14 AWG Power contacts 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4D10405F2-02-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 4 x Large bore signal contacts, 2 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
09-91-0900 09-91-1200 09-91-2000 09-92-0900 09-92- |
3.96mm KK WtB Crp Trm Hsg W/LRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp terminal housing, female, 12 contact, straight, white, pcb mount 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:20; Series:KK; Body Material:Nylon; Number of Rows:1 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:7; Series:KK; Body Material:Nylon; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
14-56-3124 14-56-3024 14-56-3174 14-56-3224 14-56- |
CGrid SL IDT Opt D 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 2Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Connector Housing; Gender:Female; Number of Contacts:22; Series:70400; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Insulation Displacement; Contact Current:3A; Contact Plating:Gold CGrid SL IDT Opt D 15 SAu 4Ckt
|
Molex, Inc. MOLEX INC
|
09-86-3121 09-86-3101 09-86-3061 09-52-1100 09-52- |
KK 156 PBC Assy RtAn 12 Ckt Tin 12 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 10 Ckt Tin 10 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 06 Ckt Tin 6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 08 Ckt Tin 8 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 02 Ckt Tin 2 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 15 Ckt Gold 15 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 13 Ckt Tin 13 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 15 Ckt Tin 15 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 04 Ckt Tin 4 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 09 Ckt Tin 9 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 07 Ckt Tin 7 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 03 Ckt Tin PC Board Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Brass; Contact Plating:Gold; Gender:Female; Series:2145/3267 PC Board Connector; Number of Contacts:4; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Contact Finish:Gold; Gender:Female; Series:KK ; Width:0.396"; Operating Voltage:250V
|
Molex, Inc. MOLEX INC
|
51110-0460 51110-1260 51110-0660 1110-1060 |
Multipole Connector; Gender:Male; Number of Contacts:4; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,12 Contacts,0.079 Pitch 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; Number of Contacts:6; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10
|
Molex, Inc. MOLEX INC
|
09-52-4064 |
PC Board Connector; No. of Contacts:6; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Gender:Female; Series:2145/3258 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
09-50-6255 09-50-5285 09-50-6085 09-50-6185 09-50- |
Multipole Connector; No. of Contacts:50; Series:KK; Body Material:Polyester 50 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 28Ckt 56 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 8Ckt 16 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 18Ckt 36 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 24Ckt 48 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
90142-0014 90142-0024 90142-0022 90142-0034 90142- |
Connector Housing; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:22; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:34; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:60; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 60 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:64; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 64 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 44POS .100 DUAL 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 54POS .100 DUAL 54 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|