PART |
Description |
Maker |
43650-0301 43650-0700 43650-1200 43650-1102 43650- |
CONN HEADER 3POS 3MM RT ANG GOLD 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 12POS 3MM RT ANG TIN 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 11Ckt 11 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
90130-3326 90130-3238 90130-3138 90130-3350 90130- |
C-Grid Shrd Hdr DR RA Au-F 26/26 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-E 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Tn-A 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 50/50 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.100 Pitch,R ANGLE PC TAIL Terminal,LOCKING MECH 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HDR 10 P RT ANG DUAL SHRD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 18/18 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
39-31-1032 39-30-7051 39-30-3041 39-30-3056 |
A5569-03A4BL 94V2 Peg 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5CKT S/R R/A MINI FIT HDR ASSY 556905A4S 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,4 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:0.165"; No. of Rows:1; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-500000000-03-331-00-000 M80-500000000-03-318-0 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 3 x 3.5mm PC Tail Power contacts 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
39-30-1221 39-30-0244 39-30-7165 39-30-1061 39-30- |
Header; No. of Contacts:22; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA RD/ Pegs 30 Au V-0 24 Ckt 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 Ckt Mini-Fit Jr R/A Header 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:8; Pitch Spacing:4.20mm; Number of Rows:2; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Finish:Gold 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini Fit Jr RA Header Assy w/pegs 18 Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 24POS 4.2MM R/A GOLD 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 20 Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA 30 SAu Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 22POS 4.2MM R/A TIN 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 14 Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 6CKT MINIFIT ASSEMBLY A556906A2GS 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA SR /Pegs TinV2Blk 6Ckt A-5569-12A2S
|
Molex, Inc. MOLEX INC
|
|