PART |
Description |
Maker |
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
A065URD73LI1800 A090URD73LI1400 A120URD73LI0800 A1 |
VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1400A, 900VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 800A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 400A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 500A, 1200VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
6.6URD30EF0250 6.6URD30EF0350 6.6URD33EF1000 AO65U |
VERY FAST BLOW ELECTRIC FUSE, 250A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1000A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1100A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
L15S200 L60S800 KLA50 |
FAST BLOW ELECTRIC FUSE, 200A, 150VAC, 100VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 800A, 600VAC, 200000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 50A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
|
SC-12 |
FAST AND TIME DELAY BLOW ELECTRIC FUSE, 12A, 600VAC, 170VDC, 100000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
3AB3-R 3ABP1.6-R 3AB375-R |
Fuses, RoHS 3A 250V CERAMIC FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V CERAMIC LEAD FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE Fuses, RoHS 375mA 250V CERAMIC FAST BLOW ELECTRIC FUSE, 0.375A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
BK/GMA-2-R |
FUSE 2A 250V FAST GLASS GMA FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 100A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
225.125P 225.250P 225.100P 225.750P 225006P 225.50 |
225.100P FAST BLOW ELECTRIC FUSE, 6A, 125VAC, 500A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 35A (IR), INLINE/HOLDER 225.100P
|
Littelfuse
|
3412.0117.XX 3412.0123.XX 3412.0120.XX 3412.0113.X |
SUPER FAST BLOW ELECTRIC FUSE, 4A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT USF 0603 FUSE 1.5A USF 0603 FUSE 1A USF 0603 FUSE 3.5A SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
|
Schurter Inc.
|
5HFP3.15 5HFP6.3 5HF4 |
Fuses, 3.15A 250V F IEC CERM LEAD FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, 6.3A 250V F IEC CERM LEAD FAST BLOW ELECTRIC FUSE, 6.3A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, 4A 250V F IEC CERM 5X20 FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER
|
Bel Fuse, Inc. Winbond Electronics, Corp.
|
|