Part Number Hot Search : 
74HC165 MIW1142 LT1316 2A101 MB16CA TDA5149G 2SK2095N UHN1C
Product Description
Full Text Search

MS5A-3S18 - Switch-Power Non-Isolated DC-DC Converters 3.3V in 1.8V 5A out 1-OUTPUT DC-DC REG PWR SUPPLY MODULE Switch-Power Non-Isolated DC-DC Converters 5V in 3.3V 5A out

MS5A-3S18_6848301.PDF Datasheet


 Full text search : Switch-Power Non-Isolated DC-DC Converters 3.3V in 1.8V 5A out 1-OUTPUT DC-DC REG PWR SUPPLY MODULE Switch-Power Non-Isolated DC-DC Converters 5V in 3.3V 5A out


 Related Part Number
PART Description Maker
KA5H0380 KA5X03XX03 KA5X03XX KA5H0365R KA5H0365RTU    Fairchild Power Switch(FPS)
3A/650V 100KHz Power Switch
3A/800V 100KHz Power Switch
3A/800V 50KHz Power Switch
3A/800V 70KHz Power Switch
3A/650V 70KHz Power Switch
IC,SMPS CONTROLLER,CURRENT-MODE,BCDMOS,SIP,4PIN,PLASTIC
FAIRCHILD[Fairchild Semiconductor]
http://
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??)
High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒
HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
International Rectifier, Corp.
Semtech Corporation
ADUM3070 Isolated Switch Regulator With Integrated Feedback
Analog Devices
LT8304 Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
Linear Technology
LT8300 L10-0116 L10-0112 750311558 750311659 75031 100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
Linear Technology
ISO1H816G Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
Infineon Technologies AG
RN5VS RN5VS09CA RN5VS09CC RN5VS09CA-TR RN5VS09CC-T 3.3V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
1.5Vout 5A 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SO -55 to 125
12V, 1.6A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
5V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85
5V. 4A 20 W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
2.5V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO,
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,95 N [7.0 oz], Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
Conductive Plastic Potentiometer; Series:SP22D; Resistance Tolerance: /- 15%; Power Rating:1W; Operating Temperature Range:-55 C to 105 C; Resistor Element Material:Conductive Plastic; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,39 N [5 oz], Silver Contacts, Maximum Operating Force, Screw Termination, CE, CSA, DEMKO, UL
16-bit Ultra-Low-Power MCU, 55kB Flash, 5120B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检
16-bit Ultra-Low-Power MCU, 32kB Flash, 1024B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Overtravel Plunger Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-019 低电压检
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 低电压检
LOW VOLTAGE DETECTOR 低电压检
5.0Vout 20W 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 低电压检
1.5Vout 5Amp 24V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85
   LOW VOLTAGE DETECTOR
Ricoh Co., Ltd.
RICOH electronics devices division
RICOH electronics devic...
LTM2881CV-5-PBF LTM2881IV-5-PBF LTM2881CV-3-PBF LT Complete Isolated RS485/RS422 楼矛Module Transceiver Power
Complete Isolated RS485/RS422 渭Module Transceiver Power
Complete Isolated RS485/RS422 μModule Transceiver Power
Linear Technology
FS6X1220RTYDTU FS6X1220RD FS6X1220RTTU FS6X1220 FS    Fairchild Power Switch (FPS)
12A/200V DC/DC Off-line Power Switch
Fairchild Power Switch (FPS) 32.8 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PSSO5
FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor, Corp.
FS7M0880 FS7M0880TU FS7M0880YDTU 8A/800V 70KHz Power Switch
Fairchild Power Switch(FPS)
Fairchild Semiconductor
 
 Related keyword From Full Text Search System
MS5A-3S18 BLDC motor driver MS5A-3S18 Outputs MS5A-3S18 system MS5A-3S18 0pam MS5A-3S18 Programmable
MS5A-3S18 array MS5A-3S18 Collector MS5A-3S18 Fixed MS5A-3S18 device MS5A-3S18 Vbe(on)
 

 

Price & Availability of MS5A-3S18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2512111663818