PART |
Description |
Maker |
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
19127-0086 19095-0138 19127-0044 19127-0090 19127- |
CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL BB-886-08 Flanged Spade Avikrimp 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE AVIKRIMP TAPED (BB-816-08T 2 mm2, BRASS, WIRE TERMINAL 191270090 6 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #6 14-16AWG 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE VERSAKRIMP (BB-316-08) 2 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc. KEMET Corporation
|
19067-0006 19067-0016 19067-0085 19067-0040 19067- |
RING NYLAKRIMP FUNNEL ENTRY (D-950-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-969-12) COPPER ALLOY, WIRE TERMINAL 190670040 COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-56) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-38) COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:#10; Insulator Color:Yellow; Series:RING NYLAKRIMP (F-766-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-953-58) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (E-957-14) COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-966-76) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-56)
|
Molex, Inc. MOLEX INC
|
ND1.25-4B ND1.25-6B N2-4B FN2-T3B FN2-E4B FN2-YS3B |
1.65 mm2, COPPER ALLOY, WIRE TERMINAL 2.63 mm2, WIRE TERMINAL 6.64 mm2, WIRE TERMINAL 0.5 mm2, COPPER ALLOY, WIRE TERMINAL 0.5 mm2, WIRE TERMINAL 1.65 mm2, WIRE TERMINAL
|
J S T MFG CO LTD
|
PN14-6RX-C PN22-10R-C |
TERM RING EXP NYL 16-14AWG #6 COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#10; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
NIP2-S3.3 NIP2-4 NIP2-M4 NIP2-3 |
2.63 mm2, RING TERMINAL
|
J S T MFG CO LTD
|
19035-0009 19035-0004 |
SNAP PLUG AVIKRIMP (B-589) 2 mm2, COPPER ALLOY, WIRE TERMINAL SNAP PLUG ON TAPE (A-569T RoHS Compliant: Yes 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
K18-610MS-M |
1.5 mm2, COPPER ALLOY, RING TERMINAL
|
THOMAS & BETTS CORP
|
MOLEXINC-C-336-08 C-101-38 |
5 mm2, COPPER ALLOY, RING TERMINAL
|
MOLEX INC
|
|