PART |
Description |
Maker |
MICRO-07 |
.050 Staggered cl Male On Board Connector Thru Hole Straigh With Kinked Pins
|
Major League Electronics
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C12005F1-02-327-02-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 20 x Small bore signal contacts, 4 x 16 AWG Power contacts
|
HARWIN INC
|
M80-4C10805F2-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
51004-0200 51004-1500 51004-0700 51004-0600 |
Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.079 Pitch 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.079 Pitch 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:7; Series:51004; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:6; Series:51004; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
050-0 050-010-455A 050-034-455 050-040-455 050-006 |
6 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:10; Contact Termination:IDC; Gender:Female; Contact Plating:Gold 10 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:40; Contact Termination:IDC; Gender:Female; Contact Plating:Gold; Leaded Process Compatible:Yes 40 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; No. of Contacts:34; Contact Termination:IDC; Gender:Female; Contact Plating:Gold RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET 6 to 64 contact sockets
|
ITW Pancon
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
3005W5SXX99A30X |
D-SUB COMBINATION FEMALE 5W5S WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
UTL1122G1W5S |
FEMALE FREE HANGING SIZE 12 LAYOUT 8 CONTACTS
|
List of Unclassifed Man...
|
|