PART |
Description |
Maker |
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
03-09-1064 03-09-2061 03-09-6061 03-09-7062 |
Circular Connector; Series:1261R; Gender:Female; Number of Contacts:6 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN PLUG 6POS .093 PANEL MOUNT 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG 093 Pwr Conn Rcpt Black Ears/Lk 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
ITTCANNON-BKAT2-234-3 BKAF2-234-3 BKAE2-234-3 BKAC |
234 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 234 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 713 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 600 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, PLUG 600 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 310 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 310 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 65 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 120 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 125 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 125 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 400 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 306 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 164 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 306 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, PLUG 306 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 155 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 163 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 163 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 271 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 86 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 245 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 158 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 250 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 271 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 173 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 85 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 85 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 86 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE
|
ITT CANNON
|
1498100000 |
CONN MALE INSERT HA SIZE 1 4POS 3 CONTACT(S), MALE, POWER CONNECTOR, SCREW
|
Weidmuller, Corp.
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
V23105-A5005-201 V23105-A5007-201 V23105-A5307-201 |
CONN MINI DIN SHIELDED ANG 8POS 最佳Relaytion The Best Relaytion 最佳Relaytion KIT DEV ZIGBEE 2.4 GHZ 最佳Relaytion CONN MINI DIN RECEPT RT ANG 4POS CONN MINI DIN SHIELDED ANG 3POS CONN CIR DIN RECEPT RT ANG 5POS Circular Connector; Body Material:Aluminum Alloy; Series:MS3111; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket CONN POWER JACK 2.0MM PCB
|
Anpec Electronics, Corp. TE Connectivity, Ltd. Electronic Theatre Controls, Inc. SPC Technology Tyco Electronics
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
IPT1-125-01-S-D-RA IPT1-110-01-S-D-RA |
CONN PLUG .100 50POS DL PCB R/A 50 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN PLUG .100 20POS DL PCB R/A
|
Samtec, Inc. SAMTEC INC
|
51194-0800 |
POWER CONN PIN HSG 8 CONTACT(S), MALE, POWER CONNECTOR
|
Molex, Inc.
|
|