PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
SSRT600240A10-014 SSRT600240A10-006 SSRT600240A10- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
50SST240 10SST240 |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc.
|
LH1546AABTR-E3 |
TRIGGER OUTPUT SOLID STATE RELAY, 5300 V ISOLATION-MAX
|
VISHAY SEMICONDUCTORS
|
G3NA-450B G3NA-275B-UTU G3NA-290B-UTU G3NA-490B-UT |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Raltron Electronics, Corp. http:// Omron Electronics LLC
|
G3NA-220B-AC100-120 G3NA-425B-AC100-240 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
|
HS072-D2490 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
D2N103LE D2N202LE24 |
3 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
NTD2425-10 NTD2425F NTD2425F-10 NTD2410-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|