PART |
Description |
Maker |
OM1321NKM OM1321STM OM1321N2M OM1321NMM OM1321NTM |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator 高可靠性可调电压三端稳压器 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, CBCC3
|
International Rectifier, Corp. ETC[ETC] List of Unclassifed Manufacturers
|
LX8580-00CDD LX8580 LX8580-00CP LX8580-00 LX8580-0 |
Positive Adjustable Voltage Regulator From old datasheet system 7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI[Microsemi Corporation]
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
OM7628NM |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
International Rectifier
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
OM1840SZM OM1840NCM OM-1840-N-C-M OM1840NKM OM-184 |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
|
IRF[International Rectifier]
|
KIA317P KIA317PI KECHOLDINGS-KIA317PI |
3-Terminal 1A Positive Adjustable Regulator(三端A 可调节正电压稳压 三端可调稳压器正1A条(三端A条可调节正电压稳压器 3-Terminal 1A Positive Adjustable Regulator(涓????A ???????靛?绋冲???
|
KEC Holdings
|
LT1085IT-12PBF LT1587CT-1.5PBF LT1083IK LM338MK |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-29 V ADJUSTABLE POSITIVE LDO REGULATOR, MBFM4 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, MBFM4
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LM117H IP117MH IP117MAH IP117MHVH IP117MAHVH LM117 |
0.5A Adjustable Positive Voltage Regulator 0.5 AMP Positive Adjustable Voltage Regulator(0.5 A 正可调稳压器) 1.5A Adjustable Positive Voltage Regulator
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited
|
HS9S-117RH/PROTO HSYE-117RH/PROTO HS2-117RH/PROTO |
Regulator, Linear, Adjustable 1.2V to 37V, 5mA to 1.25A, Rad-Hard Radiation Hardened Adjustable Positive Voltage Regulator Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil Corporation
|