PART |
Description |
Maker |
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-4D11205F2-03-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 12 x Large bore signal contacts, 3 x 16 AWG Power contacts
|
HARWIN INC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
19418-0010 |
Connector; Gender:Female; Number of Contacts:6; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 6 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
22-55-2321 22-55-2441 22-55-2241 |
Multipole Connector; Number of Contacts:32; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt A DR NPolar 44Ckt Multipole Connector; Number of Contacts:24; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Gender:Female; Series:70450
|
Molex, Inc. MOLEX INC
|
6KA24 6KA2411 |
PAR Transient Voltage Suppressors
|
Vishay Siliconix
|
|