PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SA847A-T11-F 2SA847A-11-G |
50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
2SB649A 2SB649C |
1500 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Transistor
|
Hitachi Semiconductor
|
CMPT7410 CMPT7410BK |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2SA988 2SA988-F |
50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP SILICON TRANSISTOR
|
NEC Corp. Wing Shing Computer Components
|
KSA916 KSA916Y |
800 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR Audio Power Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FCX591TA |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
CTLT7410-M621TR |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
CENTRAL SEMICONDUCTOR CORP
|
2N5042 |
1000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
|
BCX69-16 |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
INFINEON TECHNOLOGIES AG
|
BCX69-10E6433 |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G
|
|