PART |
Description |
Maker |
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
50SST240 10SST240 |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc.
|
LH1546AABTR-E3 |
TRIGGER OUTPUT SOLID STATE RELAY, 5300 V ISOLATION-MAX
|
VISHAY SEMICONDUCTORS
|
D53TP50C D53TP25C-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3NA-450B G3NA-275B-UTU G3NA-290B-UTU G3NA-490B-UT |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Raltron Electronics, Corp. http:// Omron Electronics LLC
|
G3NA-220B-AC100-120 G3NA-425B-AC100-240 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
|
HS072-D2490 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
MP240D4-MS11 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc.
|
MCSS2450EM MCSP2450EM MCSP2425EM MCSS2425EM MCSS48 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
NTD2425E NTD2425E-10 NTD2410E-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|