PART |
Description |
Maker |
SF30DPS-H1-4 SF30DPS-H1-6 SF30DPS-M1-5 SF12DPS-H1- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
SSRT600240A10-014 SSRT600240A10-006 SSRT600240A10- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
E3PT48A12 E3PT48A50 E3PT48A50H E3PT48D12 E3PT48D50 |
TRIGGER OUTPUT SOLID STATE RELAY Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
|
Teledyne Technologies Incorporated
|
CPC1962GS |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
CLARE INC
|
CKRD6020EP |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
MCMT2450BM |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
H12D4825P-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
PM1204 PM1204S PM1204STR |
AC Power Switch TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Clare, Inc.
|
HPF480D30R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE
|
Crydom, Inc.
|
A2490E-10 A2475GH-10 A2475GP-B |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|