PART |
Description |
Maker |
39355-0016 |
Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6
|
Molex
|
19-09-1039 19-09-2038 |
Connector Housing; Gender:Female; Number of Contacts:3; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:11A; Height:0.300"; Number of Rows:1; Operating Temp. Min:-40 C Connector Housing; Gender:Male; No. of Contacts:3; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:11A; Height:0.320"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes
|
MOLEX INC
|
15-28-6247 15-28-6106 15-24-6241 15-24-6106 |
HEADER,STRAIGHT,2X12POS,.165"X217"C 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-42440-1032 V-2 10Ckt Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK Multipole Connector; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Gender:Header; Series:42440; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
03-09-1042 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:1490R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm
|
MOLEX INC
|
03-09-2014 03-09-2011 |
CONN PLUG 1POS .093 Connector Housing; Series:1619P; No. of Contacts:1; Gender:Male; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; No. of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm RoHS Compliant: Yes
|
MOLEX INC
|
19-09-2026 19-09-2027 |
Connector Housing; Gender:Male; No. of Contacts:2; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:12A; Height:0.264"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes Connector Housing; Number of Contacts:2; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:1; Pitch Spacing:6.71mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
MOLEX INC
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
0459854322 |
1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 4 Power Contacts, 16 Signal Contacts
|
Molex Electronics Ltd.
|
0459858483 45985-8483 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, 40 Signal Contacts
|
Molex Electronics Ltd.
|
SD-45985-800 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, 24 Signal Contacts
|
Molex Electronics Ltd.
|