PART |
Description |
Maker |
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
22-28-4082 22-28-5020 22-28-5023 42375-0668 42375- |
Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN, HEADER, 2.54MM, 2POS, VERT, SINGLE ROW 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN, HEADER, 2-POS, .1" SP, AU 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 05 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 08 Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 05 Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 03 Ckt 15 SGold 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 02 Ckt 15 SGold 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 7=7X1 0.1'' T/H VERTICAL 42375 HEADER 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 36 Ckt Tin 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 07 Ckt Tin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 02 Ckt 30 SGold 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 08 Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HDR .100" 10PIN VERT M SN .025"SQR MOLEX 22-28-4101 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 35 Ckt Tin KK 100 Hdr Assy Bkwy 06 Ckt 15 SGold 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 20 Ckt Tin KK 100 Hdr Assy Bkwy 16 Ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 09 Ckt 15 SGold Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.100 Pitch,PC TAIL Terminal
|
Molex, Inc. MOLEX INC
|
03-06-2152 03-06-2241 |
CONN PLUG 15POS .062 15 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG CONN PLUG 24POS .062 PANEL MOUNT 24 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc. Ironwood Electronics
|
P200-600-1-C-11Q2-P-11Q2-P-P P200-600-1-C-11Q2-P-1 |
96 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 96 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 92 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 92 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 66 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 66 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 16 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 16 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 66 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 200 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 200 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 200 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 102 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 44 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 170 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 2 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 170 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP 120 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP
|
Sabritec, Corp.
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
39-01-3109 39-01-3129 39-01-3066 15-04-6020 39-01- |
Multipole Connector; Gender:Male; No. of Contacts:10; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:2; Pitch Spacing:0.165" 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG MiniFitJrPlg FreeHng /DH V-0 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Male; No. of Contacts:6; Series:Mini-Fit Jr.; No. of Rows:2 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG MINI FIT JR SERIES PLUS W/O MTG.EARS MiniFit Jr Plug 2Ckt MiniFitJrPlg FreeHng /DH V2 Blk 2Ckt
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
|