PART |
Description |
Maker |
NT2H0301F0DTL NT2H0301F0DTP |
NFC Forum Type 2 Tag compliant IC with 144 bytes user memory and field detection, HXSON4 package NFC Forum Type 2 Tag compliant IC with 144 bytes user memory and field detection, HWSON8 package
|
NXP Semiconductors
|
M24LR04E-RMC6T/2 |
4-Kbit Dynamic NFC/RFID tag with password protection, energy harvesting and RF status functions
|
ST Microelectronics
|
LRI64-W4/XXX LRI64-A1T/XXX LRI64-A7T/XXX LRI64-MBT |
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
|
STMicroelectronics 意法半导
|
LRIS2K-A6S2U LRIS2K-A7T LRIS2K-MBTG LRIS2K-W4 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
LRI2K |
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMICROELECTRONICS[STMicroelectronics]
|
GS84118B-150I |
256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 10 ns, PBGA119
|
GSI Technology, Inc.
|
MC33153D MC33153P |
Tag-it(TM) HF-I Standard Transponder Inlays Large Rectangle 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 2 A BUF OR INV BASED PRPHL DRVR, PDIP8
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
SGMB201209 SGMB201209R202 SGMB201209S800 SGMB20120 |
MULTILAYER FERRITE CHIP BEADS 多层铁氧体片式磁 BNC Adapter; Body Style:Tee Adapter RoHS Compliant: Yes 多层铁氧体片式磁 BNC Adapter; Body Style:Right Angle Adapter, Jack-Plug; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:UHF Jack; Convert To:N Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:59, 62, 140, 210, 302 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes BNC Adapter; Body Style:Straight Bulkhead Adapter, Jack-Jack; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp/Solder; Impedance:50ohm; Body Style:Panel Jack Receptacle; RG Cable Type:55, 58, 141; Approval Categories:UG-1095A/U; Body Material:Brass; Frequency Max:11GHz RoHS Compliant: Yes From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
RPA-VH-P-50-IPEX-90-G |
NFC ANTENNA
|
Raltron Electronics Cor...
|
AS3911B |
NFC Initiator / HF Reader IC
|
ams AG
|