PART |
Description |
Maker |
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-03-2131 22-03-2201 22-10-2231 22-10-2261 22-03- |
Header Connector,PCB Mnt,RECEPT,13 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 23Ckt 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 26Ckt 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 21Ckt 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 17Ckt 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,SQPIN0.1in10WAY 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Header; Series:4030; Body Material:PA Polyamide (Nylon) 6/6; Current Rating:4A; Voltage Rating:250V KK 100 Hdr Flat Vert Tin 24Ckt
|
TE Connectivity, Ltd. Molex, Inc. MOLEX INC
|
09-65-2048 09-65-2068 09-65-2058 09-65-2028 09-65- |
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,5 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2POS 3.96MM VERT TIN 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11CKT 3.96MM WAFER W/LOCK 527311A 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 3.96MM WAFER W/LOCK 527312A 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
70543-0251 70543-0045 70543-0248 70543-0278 70543- |
CGRID SL VHDR TIN 5 CKT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR TIN 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 150 30 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR SR 30 GOLD 4CKT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd VHdr SR 120 Tin 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 120 15 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
27-62-4068 27-66-4105 42491-0227 26-64-4030 27-62- |
KK 156 Hdr FrLk Peg 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr FrLk Peg 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:3; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:42491; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
22-66-3189 22-66-3249 22-10-7218 22-66-3160 22-66- |
MS (MIL-C-5015) SERIES 97 3106B SPLIT SHELL STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-18 INSERT ARRANGEMENT, PLUG GENDER, 8 CONTACTS KK 100 Hdr Flat Vert 24 Ckt Gold 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 16 Ckt Gold 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 28 Ckt Gold 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 25 Ckt Tin 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 26 Ckt Gold 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 27 Ckt Gold 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22662030 KK 100 Hdr Flat Vert 20 Ckt Gold KK 100 Hdr Flat Vert 22 Ckt Gold
|
Amphenol, Corp. Molex, Inc. MOLEX INC
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
|