PART |
Description |
Maker |
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
09-50-1041 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
S-303H-AB S-304H-AB |
Industrial Connector; Series:300; Number of Contacts:3; Gender:Female; Leaded Process Compatible:Yes 3 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Industrial Connector; Series:300; Number of Contacts:4; Gender:Female; Leaded Process Compatible:Yes 4 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
M83513/04-H03C M83513/02-EC M83513/02-FC M83513/02 |
Connector,D-Shell,Cable Mnt,RECEPT,100 Contacts,SKT,0.05 Pitch,WIRE Terminal,HOLE .138-.163 100 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOCKET Connector,D-Shell,Cable Mnt,RECEPT,31 Contacts,SKT,0.05 Pitch,SOLDER Terminal,HOLE .087-.098 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET Connector,D-Shell,Cable Mnt,RECEPT,37 Contacts,SKT,0.05 Pitch,SOLDER Terminal,HOLE .087-.098 37 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET Connector,D-Shell,Cable Mnt,RECEPT,51 Contacts,SKT,0.05 Pitch,SOLDER Terminal,HOLE .087-.098 51 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOCKET 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, PLUG 9 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOCKET
|
Cinch Connectors
|
|