PART |
Description |
Maker |
M80-5L220M1-20-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
44428-1402 44428-0406 44428-0401 |
CONN HEADER 14POS 3MM R/A GOLD 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit BMI RA DR Hdr 30Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 4POS 3MM RT ANG TIN 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L11042M5-02-313-02-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 10 x 3mm PC Tail signal contacts, 4 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
10-88-1105 10-89-1246 10-89-1667 10-88-1526 10-89- |
Header; No. of Contacts:10; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 66 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 52 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|