PART |
Description |
Maker |
LQH43CN6R8M03L LQH43CN680K03L LQH43CN330K03P LQH43 |
INDUCTOR 6.8UH 20% 720MA 1812 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 68UH 10% 220MA 1812 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) INDUCTOR 47UH 10% 280MA 1812 INDUCTOR 10UH 10% 650MA 1812 INDUCTOR 3.3UH 20% 800MA 1812 INDUCTOR 4.7UH 20% 750MA 1812
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
CDPH4D19F06 CDPH4D19FNP-4R7MC CDPH4D19FNP-3R3MC CD |
INDUCTOR 15UH 0.66A SHIELD SMD 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47UH 0.36A SHIELD SMD 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 33UH 0.43A SHIELD SMD 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS
|
Sumida, Corp. Sumida Corporation
|
NCB0805A221TR |
F BEAD, 220 OHM @ 100MHZ, 200MA MAX, RDC=0.6, SIZE 0805, SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP
|
NIC Components, Corp.
|
CDRH6D28NP-330NC CDRH6D28NP-270NC CDRH6D28NP-470NC |
POWER INDUCTOR 33UH 0.97A SMD 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTOR 27UH 1.05A SMD 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTOR 47UH 0.80A SMD 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Sumida, Corp.
|
CI0603-18N-GTW CI0402-8N2-FTW CI0603-68N-GTW CI040 |
1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0603, ROHS COMPLIANT 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0603, ROHS COMPLIANT 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0805, ROHS COMPLIANT 1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0805, ROHS COMPLIANT 1 ELEMENT, 0.0056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.01 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0075 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.036 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.1 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.023 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0039 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.15 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
RCD Components, Inc. RCD COMPONENTS INC
|
PM105SB-470L-RC |
Power Inductor; Series:PM105SB; Inductance:47uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:11MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1A; DC Resistance Max:0.14ohm
|
BOURNS INC
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
PM0805-3N3M-RC PM0805-10NM-RC PM0805-18NM-RC PM080 |
High Q Chip Inductors Chip Inductor 1 ELEMENT, 0.0056 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Inductor; Series:PM0805; Inductance:3.3nH; Inductance Tolerance: /- 20 %; Q Factor:50; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:6.8nH; Inductance Tolerance: /- 20 %; Q Factor:50; Self Resonant Frequency:5.5GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA
|
Bourns Electronic Solutions Bourns, Inc. BOURNS INC
|
NIN-HC330JTRF NIN-HC120JTRF NIN-HCR39JTRF NIN-HJR1 |
Wirewound Chip Inductors 1 ELEMENT, 0.033 uH, GENERAL PURPOSE INDUCTOR, SMD SIZES K(0402), J (0603), D (0805) AND C (1008) SIZES K(0402), J (0603), D (0805) AND C (1008)
|
NIC Components, Corp. NIC COMPONENTS CORP NIC-Components Corp.
|
SC1531ACSTR SC1531CSTR SC1531 SC1531A SC1531ACS.TR |
200 mA & 250 mA smart LDOs 200mA & 500mA SmartLDOs 200mA & 250mA SmartLDOs 250mA SmartLDOs(250mA SmartLDOs线性稳压器) 200mA SmartLDOs(200mA SmartLDOs线性稳压器)
|
SEMTECH[Semtech Corporation]
|
1641R-183K 1641-332K 1641-392K 1641-561K 1641R-223 |
COIL 18.0UH MOLDED SHIELDED 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR COIL 3.3UH MOLDED SHIELDED 1 ELEMENT, 3.3 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR COIL 3.9UH MOLDED SHIELDED 1 ELEMENT, 3.9 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR COIL .56UH MOLDED SHIELDED 1 ELEMENT, 0.56 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR COIL 22.0UH MOLDED SHIELDED 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR COIL .15UH MOLDED SHIELDED 1 ELEMENT, 0.15 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR COIL 1.0UH MOLDED SHIELDED 1 ELEMENT, 1 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR COIL .47UH MOLDED SHIELDED 1 ELEMENT, 0.47 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR COIL 1.5UH MOLDED SHIELDED 1 ELEMENT, 1.5 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR COIL 39.0UH MOLDED SHIELDED 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR COIL .68UH MOLDED SHIELDED 1 ELEMENT, 0.68 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR COIL 2.2UH MOLDED SHIELDED 1 ELEMENT, 2.2 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR COIL 560.UH MOLDED SHIELDED 1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR COIL 680.UH MOLDED SHIELDED 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
API Delevan
|
|