PART |
Description |
Maker |
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
39-29-9049 39-29-9104 39-29-9109 39-29-9147 39-29- |
CONN HDR VERT PCB MT 4POS 8AMPS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONNECTOR - 10 PIN, MINI-FIT JR 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN,12-POS MOLEX HEADER, DUAL ROW, VERTICAL, GOLD, W/PEGS & DRAIN HOLES 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFitJrHdr Vt DR W/Pgs 30Au V-2 14Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-04AGS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 39299169 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
45985-4371 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 4 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, for 3.18mm (.125) Thick PC Board, with Press-fit Plastic Pegs
|
Molex Electronics Ltd.
|
45985-6381 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 6 Power Contacts, 40 Signal Contacts, Select Gold (Au) Plating, for 3.18mm (.125) Thick PC Board, with Press-fit Plastic Pegs
|
Molex Electronics Ltd.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
M80-5L10822M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 8 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
|