PART |
Description |
Maker |
EH3600TS-111.111M |
OSCILLATORS 100PPM 0 70 3.3V 4 111.111MHZ TS HCMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 111.111 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp. ECLIPTEK CORP
|
YSC-SL815 |
Compatible with AR-111 module, and take the place of traditional AR-111 spotlight bulb
|
Yellow Stone Corp
|
M80-5L220M1-20-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
PG1264 PG1275 PG1280 PG1250 PG1251 PG1252 PG1253 P |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0° 325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-111 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一(c)|111 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-111 晶体管|晶体管|叩| 100V的五(巴西)总裁| 5A条一(c)|11
|
ICE Components, Inc. Square D by Schneider Electric
|
39-01-3109 39-01-3129 39-01-3066 15-04-6020 39-01- |
Multipole Connector; Gender:Male; No. of Contacts:10; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:2; Pitch Spacing:0.165" 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG MiniFitJrPlg FreeHng /DH V-0 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Male; No. of Contacts:6; Series:Mini-Fit Jr.; No. of Rows:2 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG MINI FIT JR SERIES PLUS W/O MTG.EARS MiniFit Jr Plug 2Ckt MiniFitJrPlg FreeHng /DH V2 Blk 2Ckt
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
39-01-2241 |
Header; No. of Contacts:24; Pitch Spacing:0.165"; No. of Rows:2; Gender:Male; Series:Mini-Fit Jr. 5559; Body Material:Nylon 6/6 RoHS Compliant: Yes 24 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
19419-0008 |
Plug assembly; Gender:Male; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19417; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 2 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
19419-0015 |
Plug assembly; Gender:Male; Number of Contacts:10; Series:MX150L; Color:Black; For Use With:19417; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 10 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
|