PART |
Description |
Maker |
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
70246-4021 |
Header; No. of Contacts:40; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
39870-0707 39870-0712 39870-0704 39870-0509 39870- |
5mm pluggable header 7 position 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,12 Contacts,PIN 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 5mm pluggable header 4 position 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 5MM VERT TIN 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 871606 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
53612-S26-8LF 53612-G40-6 53612-G40-4 53612-G10-2 |
26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
|
FCI connector
|
|