PART |
Description |
Maker |
43650-0301 43650-0700 43650-1200 43650-1102 43650- |
CONN HEADER 3POS 3MM RT ANG GOLD 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 12POS 3MM RT ANG TIN 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 11Ckt 11 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
44428-1402 44428-0406 44428-0401 |
CONN HEADER 14POS 3MM R/A GOLD 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit BMI RA DR Hdr 30Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 4POS 3MM RT ANG TIN 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
95001-6641 95001-6882 95001-6661 |
Phone Connector,PCB Mnt,6 Contacts,PIN,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 8-8 RT ANG SMD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 6-6 RT ANG SMD 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK
|
Molex, Inc.
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
19419-0008 |
Plug assembly; Gender:Male; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19417; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 2 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
|