PART |
Description |
Maker |
10-89-7562 10-89-7560 10-89-7561 10-89-7060 10-89- |
CGrid VT Bkwy Hdr 15 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 6Ckt (240/110) 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER STRIP 30X2 STRT, & 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 76Ckt (240/110) 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 28Ckt (240/110) 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 18Ckt (240/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 48Ckt (240/110) 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 22Ckt (240/110) 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 36Ckt (240/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 46Ckt (240/110) 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897341 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER, 12-PIN, DUAL ROW, OPEN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 74Ckt (240/110) 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 58Ckt (240/110) 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 52Ckt (240/110) 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897720 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONNECTOR HEADER 2X16 THRU-HOLE Multipole Connector; Number of Contacts:30; Pitch Spacing:2.54mm; Number of Rows:2; Gender:Header; Series:70280; Body Material:Polyester, Glass-filled; Contact Plating:Gold; Mounting Type:Straight PCB Thru Hole CGrid VT Bkwy Hdr 15 SAu 36Ckt (240/110) CGrid VT Bkwy Hdr Tin 36Ckt (240/110)
|
Molex, Inc. MOLEX INC
|
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48- |
KK 156 Hdr Assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway Header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V
|
Molex, Inc. MOLEX INC
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
26-51-0232 26-51-0072 26-51-0022 26-51-1061 |
Breakaway Header; No. of Contacts:23; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Breakaway Header; No. of Contacts:2; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
ITT, Corp. Molex, Inc. MOLEX INC
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
90120-0129 90120-0138 90120-0121 90120-0767 90120- |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 18kt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 1Ckt 1 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:40; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS .100 STR TIN 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
90130-1138 90130-1238 90130-1112 90130-1124 90130- |
C-Grid Shrd Hdr DR Vt Sn-A 38/38 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR Vt Au-E 38/38 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:12; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:18; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS .100 STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
87331-0620 |
Header; No. of Contacts:6; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|