PART |
Description |
Maker |
ARD10012 ARD10012C ARD10012CQ ARD10012Q ARD10024 A |
Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-9 RoHS Compliant: No ER 35C 35#16 SKT RECP 26.5GHz, 18GHz COAXIAL SWITCH 26.5GHz的,18GHz同轴开 ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% 26.5GHz的,18GHz同轴开 Circular Connector; No. of Contacts:25; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:32; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 3C 3#4 PIN RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 9C 6#12 3#8 SKT RECP WALL ER 3C 3#4 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-3 RoHS Compliant: No
|
Electronic Theatre Controls, Inc. Matsushita Electric Works(Nais)
|
ILC6370 ILC6370AP-25 ILC6370AP-33 ILC6370AP-50 ILC |
SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:24; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:16; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
http:// IMPALA[Impala Linear Corporation] Impala Linear Corporati...
|
R7400U R7400U-01 R7400U-02 R7400U-03 R7400U-04 R74 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 金属封装光电倍增 METAL PACKAGE PHOTOMULTIPLIER TUBE 金属封装光电倍增 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 金属封装光电倍增 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle 金属封装光电倍增 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
801-009-07M5-3GA 801-010-07M5-3GA 801-009-07M5-3HA |
2 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 10 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 7 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 13 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE Double-Start ACME Thread
|
GLENAIR INC Glenair, Inc.
|
CEV0736-0034-AM001 CEV0736-0003-AM002 |
11 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, PLUG 11 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, SOCKET
|
CONNECTEURS ELECTRIQUES DEUTSCH
|
AV9107C-19 AV9107C-20 |
Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-22 RoHS Compliant: No
|
Integrated Circuit Systems
|
X5169 X5168 X5169VI14-2.7A X5169P X5169P-2.7 X5169 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:26; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin RoHS Compliant: No CPU Supervisor with 16Kbit SPI EEPROM
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
1MBI400N-120 |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-41 RoHS Compliant: No
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
2MBI400N-060 |
IGBT(600V,400A) Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin
|
http:// FUJI ELECTRIC HOLDINGS CO., LTD.
|
UR8HC007-004-FQ UR8HC007-004-XX-FQ |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3111; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin SYSTEM CONTROLLER 系统控制
|
Semtech Corporation Semtech, Corp.
|