PART |
Description |
Maker |
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
43650-0403 43650-0704 |
Multipole Connector; Number of Contacts:4; Pitch Spacing:3mm; Number of Rows:1; Gender:Header; Series:43650; Body Material:LCP Liquid Crystal Polymer, Glass-filled; Connecting Termination:Thru-Hole POWER CONNECTOR CONN HEADER 7POS 3MM RT ANG AU
|
Molex, Inc. MOLEX INC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
ADSP-BF532SBBC400 ADSP-BF531 ADSP-BF531SBBC400 ADS |
Blackfin Embedded Processor Metal Connector Backshell Circular Connector Series:97 28-2 (14 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:14; Gender:Male; Operating Voltage:1250V
|
Analog Devices, Inc.
|
|