PART |
Description |
Maker |
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4D10605F1-00-000-05-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Large bore signal contacts, 5 x 14 AWG Power contacts 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-4C10805F2-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4000000F1-06-327-00-000 M80-4000000F1-06-325-0 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 2 x 14 AWG Power contacts
|
Harwin PLC HARWIN INC
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
120-964-435 |
DIN 41612 PCB Connector; Number of Contacts:64; Number of Rows:3; Pitch Spacing:0.1"; Mounting Type:PC Board Thru Hole; Body Style:Straight; Gender:Female 64 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|
M80-4S1240500-01-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical Connector, No jackscrews, 24 x SMT signal contacts, 1 x 3mm PC Tail Coax contact 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
|